Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPD7210F Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TPD7210F
Description  Power MOSFET Gate Driver for 3-Phase DC Motor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPD7210F Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TPD7210F Datasheet HTML 1Page - Toshiba Semiconductor TPD7210F Datasheet HTML 2Page - Toshiba Semiconductor TPD7210F Datasheet HTML 3Page - Toshiba Semiconductor TPD7210F Datasheet HTML 4Page - Toshiba Semiconductor TPD7210F Datasheet HTML 5Page - Toshiba Semiconductor TPD7210F Datasheet HTML 6Page - Toshiba Semiconductor TPD7210F Datasheet HTML 7Page - Toshiba Semiconductor TPD7210F Datasheet HTML 8Page - Toshiba Semiconductor TPD7210F Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
TPD7210F
2008-05-12
3
Pin Description
Pin No.
Symbol
Pin Description
1
ENB
Inhibit pin (high active ): By driving this pin low, all outputs can be turned off regardless of input
signals. Built-in pull-down resistor (100 kΩ typ.).
2
ROSC
This pin sets the oscillation frequency for the charge pump drive.
Connect a 62 kΩ (typ.) resistor.
3
IN1
Input pin: it controls the power MOSFET connected to UU. Built-in pull-down resistor
(100 kΩ typ.).
4
IN2
Input pin: it controls the power MOSFET connected to VU. Built-in pull-down resistor
(100 kΩ typ.).
5
IN3
Input pin: it controls the power MOSFET connected to WU. Built-in pull-down resistor
(100 kΩ typ.).
6
IN4
Input pin: it controls the power MOSFET connected to UB. Built-in pull-down resistor
(100 kΩ typ.).
7
IN5
Input pin: it controls the power MOSFET connected to VB. Built-in pull-down resistor
(100 kΩ typ.).
8
IN6
Input pin: it controls the power MOSFET connected to WB. Built-in pull-down resistor
(100 kΩ typ.).
9
SGND1
Signal block GND pin: shared internally with pin 11.
10
CP1
Capacitor pin for charge pump.
11
SGND2
Signal block GND pin: shared internally with pin 9.
12
CP2
Capacitor pin for charge pump.
13
VDD
Power supply pin: when under-voltage (5.5 V typ.) is detected, FAULT output goes high. On this
occasion, all outputs are switching normally, and charge pump circuit does not come to a stop.
14
FAULT
Diagnosis output pin: when under-voltage (5.5 V typ.) is detected, FAULT output goes high.
High-side/low-side arm shorting mode, FAULT output goes high and all outputs are shut down.
Circuit configuration is N-ch open drain.
15
WB
Drives the power MOSFET connected to the low side of the W phase.
16
PGND1
Power block GND pin: shared internally with pin 18.
17
VB
Drives the power MOSFET connected to the low side of the V phase.
18
PGND2
Power block GND pin: shared internally with pin 16.
19
UB
Drives the power MOSFET connected to the low side of the U phase.
20
UU
Drives the power MOSFET connected to the high side of the U phase.
21
VU
Drives the power MOSFET connected to the high side of the V phase.
22
WU
Drives the power MOSFET connected to the high side of the W phase.
23
CPV
Final stage capacitor pin for the charge pump.
24
COSC
This pin sets the oscillation frequency for the charge pump drive.
Connect a 270pF (typ.) capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com