Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAADSS0016SMB Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAADSS0016SMB
Description  Digital Attenuator, 5-Bit, Single Control
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAADSS0016SMB Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAADSS0016SMB Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAADSS0016SMB Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAADSS0016SMB Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAADSS0016SMB Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAADSS0016SMB Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Digital Attenuator, 5-Bit, Single Control
31 dB, 0.05 - 4.0 GHz
Rev. V3
MAADSS0016
2
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2
Electrical Specifications 8,9: TA = 25°C, Z0 = 50 Ω, VDD = 2.8 to 5V, VC = 2.5 V
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Reference Insertion Loss
1.0 GHz
dB
1.5
3.0
Attenuation Accuracy
1.0 GHz
All bits except 31 dB
± (0.3 dB + 1% of attenuation setting in dB) dB
Attenuation Accuracy
1.0 GHz, 31 dB
dB
30
32
VSWR
0.05 - 4.0 GHz
Ratio
1.5:1
TRISE, TFALL
10% to 90% RF, 90% to 10% RF
ns
40
Ton, Toff
50% Control to 90% RF,
50% Control to 10% RF
ns
65
Transients
In Band
mV
75
Input P1dB
2.0 GHz
dBm
30
Input IP2
2-Tone, +5 dBm/tone, 1 MHz Spacing
0.5 GHz
2.0 GHz
dBm
75
80
Input IP3
2-Tone, +5 dBm/tone, 1 MHz Spacing
0.5, 2.0 GHz
dBm
42
IC
VC = 2.5 V
µA
20
25
IDD
VDD = 5 V
µA
200
300
8. External DC blocking capacitors are required on all RF ports.
9. Low frequency is determined by DC block and GND capacitor value.
Truth Table 10
VC1
VC2
VC4
VC8 VC16
Attenuation (dB)
0
0
0
0
0
Reference IL
1
0
0
0
0
1
0
1
0
0
0
2
0
0
1
0
0
4
0
0
0
1
0
8
0
0
0
0
1
16
1
1
1
1
1
31
10. 0 = 0V, 1 = +2.5 to 5V.
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.
Recommended PCB
Off-Chip Component Values
Component
Value
Package
C1 - C10
1000 Pf
0201



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com