Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAALSS0044SMB Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAALSS0044SMB
Description  Low Noise Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAALSS0044SMB Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAALSS0044SMB Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAALSS0044SMB Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAALSS0044SMB Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAALSS0044SMB Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAALSS0044SMB Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Low Noise Amplifier
1.5 - 1.6 GHz
Rev. V1
MAALSS0044
2
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2
Electrical Specifications 7: TA = 25°C, VDD = +5 V, Z0 = 50 Ω
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Gain
1.5 - 1.6 GHz, PIN = -30 dBm
dB
19
21
23
Noise Figure
1.5 - 1.6 GHz
dB
1.55
1.9
Input VSWR
1.5 - 1.6 GHz, PIN = -30 dBm
Ratio
1.5:1
Output VSWR
1.5 - 1.6 GHz, PIN = -30 dBm
Ratio
1.5:1
Output 1 dB Compression
1.5 - 1.6 GHz
dBm
6
Input IP3
1.5 - 1.6 GHz, PIN = -30 dBm
dBm
-2
Reverse Isolation
1.5 - 1.6 GHz, PIN = -30 dBm
dB
40
Bias Current
mA
5
8
11
7. See plots for 3-volt performance.
Component List
Part
Value
Case Size Manufacturer
C1
500 pF
0603
Murata
L1
15 nH
0805
Coilcraft
R1 (optional) 35 to 40 Ω
0603
Panasonic
8.
Pins 1, 4, 5 and 8 must be RF and DC grounded as shown.
9.
Pin 3 is the RF input; pin 6 is the RF output. VDD is
applied on pin 7. This pin must be bypassed with a 500 pF
surface mount MLC capacitor, mounted as close as
possible to pin 7, and RF decoupled with a chip inductor
having a minimum value of 15 nH (as shown in the
Recommended PCB Configuration).
10. Pin 2 allows use of an external resistor to ground for
optional, higher current bias. For nominal current
operation no resistor is used. For optional 20-mA current
operation, connect a 35 to 40 Ω chip resistor (as shown in
the Recommended PCB Configuration).
Application Schematic 8,9,10
Recommended PCB Configuration
L1
C1
VDD
RF IN
RF OUT
R1
(Optional)
See Note 8



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com