Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI6C485352FAE Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PI6C485352FAE
Description  2.5V/3.3V, 500 MHz Twelve 2-to-1 Differential LVPECL Clock Multiplexer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C485352FAE Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

  PI6C485352FAE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C485352FAE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C485352FAE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C485352FAE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C485352FAE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C485352FAE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C485352FAE Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
PI6C485352
2.5V/3.3V, 500 MHz Twelve 2-to-1 Differential LVPECL Clock Multiplexer
7
PI6C485352 Rev. A
01/24/13
Ordering Information
Ordering Number
Package Code
Package Description
PI6C485352FAE
FA
Pb-free & Green, 48-pin, 276-mil wide TQFP
• Thermal characteristics can be found on the company web site at www.pericom.com/packaging/
• E = Pb-free and Green
• X suffix = Tape/Reel
Packaging Mechanical: 48-Pin TQFP (FA)
DESCRIPTION: 48-pin Thin Quad Flat Package (TQFP)
PACKAGE CODE: FA48
DOCUMENT CONTROL #: PD-2056
REVISION: - -
Notes:
1) All dimensions are in millimeters, Angles in Degrees
2) Ref JEDEC: MO-026D, variation ABC
3) Dimensions do not include mold protrusion
DATE: 02/16/06
06-0182
13-0003



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com