Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI6C490094LE Datasheet(PDF) 6 Page - Pericom Semiconductor Corporation

Part # PI6C490094LE
Description  1:4 24MHz Clock Buffer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C490094LE Datasheet(HTML) 6 Page - Pericom Semiconductor Corporation

  PI6C490094LE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C490094LE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C490094LE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C490094LE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C490094LE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C490094LE Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
www.pericom.com
PI6C490094
Rev A
08/09/13
PI6C490094
1:4 24MHz Clock Buffer
DATE: 05/03/12
DESCRIPTION: 16-Pin, 173mil Wide TSSOP
PACKAGE CODE: L
DOCUMENT CONTROL #: PD-1310
REVISION: F
Notes:
1. Refer JEDEC MO-153F/AB
2. Controlling dimensions in millimeters
3. Package outline exclusive of mold flash and metal burr
12-0372
Pericom Semiconductor Corporation • 1-800-435-2336
Packaging Mechanical: 16-Pin TSSOP (L)
Ordering Information
Ordering Code
Package Code Package Type
Operating Temperature
PI6C490094LE
L
Pb-free & Green, 16-pin TSSOP Commercial
PI6C490094LIE
L
Pb-free & Green, 16-pin TSSOP Industrial
Notes:
• Thermal characteristics can be found on the company web site at www.pericom.com/packaging/
• E = Pb-free and Green
• X suffix = Tape/Reel
13-0129



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com