Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC0811 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC0811
Description  8-Bit Serial I/O A/D Converter With 11-Channel Multiplexer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC0811 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button ADC0811 Datasheet HTML 5Page - National Semiconductor (TI) ADC0811 Datasheet HTML 6Page - National Semiconductor (TI) ADC0811 Datasheet HTML 7Page - National Semiconductor (TI) ADC0811 Datasheet HTML 8Page - National Semiconductor (TI) ADC0811 Datasheet HTML 9Page - National Semiconductor (TI) ADC0811 Datasheet HTML 10Page - National Semiconductor (TI) ADC0811 Datasheet HTML 11Page - National Semiconductor (TI) ADC0811 Datasheet HTML 12Page - National Semiconductor (TI) ADC0811 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Functional Description
10 DIGITAL INTERFACE
The ADC0811 uses five inputoutput pins to implement the
serial interface Taking chip select (CS) low enables the IO
data lines (DO and DI) and the serial clock input (SCLK) The
result of the last conversion is transmitted by the AD on the
DO line while simultaneously the DI line receives the ad-
dress data that selects the mux channel for the next conver-
sion The mux address is shifted in on the rising edge of
SCLK and the conversion data is shifted out on the falling
edge It takes eight SCLK cycles to complete the serial IO
A second clock (w2) controls the SAR during the conversion
process and must be continuously enabled
11 CONTINUOUS SCLK
With a continuous SCLK input CS must be used to synchro-
nize the serial data exchange (see
Figure 1 ) The ADC0811
recognizes a valid CS one to three w2 clock periods after
the actual falling edge of CS This is implemented to ensure
noise immunity of the CS signal Any spikes on CS less than
one w2 clock period will be ignored CS must remain low
during the complete IO exchange which takes eight SCLK
cycles Although CS is not immediately acknowledged for
the purpose of starting a new conversion the falling edge of
CS immediately enables DO to output the MSB (D7) of the
previous conversion
The first SCLK rising edge will be acknowledged after a set-
up time (tset-up) has elapsed from the falling edge of CS
This and the following seven SCLK rising edges will shift in
the channel address for the analog multiplexer Since there are
12 channels only four address bits are utilized The first four
SCLK cycles clock in the mux address during the next four
SCLK cycles the analog input is selected and sampled During
this mux addresssample cycle data from the last conver-
sion is also clocked out on DO Since D7 was clocked out
on the falling edge of CS only data bits D6 – D0 remain to be
received The following seven falling edges of SCLK shift out
this data on DO
The 8th SCLK falling edge initiates the beginning of the AD’s
actual conversion process which takes between 48 to 64 w2
cycles (TC) During this time CS can go high to TRI-STATE
DO and disable the SCLK input or it can remain low If CS is
held low a new IO exchange will not start until the conver-
sion sequence has been completed however once the con-
version ends serial IO will immediately begin Since there is
an ambiguity in the conversion time (TC) synchronizing the
data exchange is impossible Therefore CS should go high
before the 48th w2 clock has elasped and return low after
the 64th w2 to synchronize serial communication
A conversion or IO operation can be aborted at any time by
strobing CS IfCS is high or low less than one w2 clock it will
be ignored by the AD If the CS is strobed high or low
between 1 to 3 w2 clocks the AD may or may not respond
Therefore CS must be strobed high or low greater than 3 w2
clocks to ensure recognition If a conversion or IO ex-
change is aborted while in process the consequent data
output will be erroneous until a complete conversion se-
quence has been implemented
12 DISCONTINUOUS SCLK
Another way to accomplish synchronous serial communica-
tion is to tie CS low continuously and disable SCLK after its
8th falling edge (see
Figure 2 ) SCLK must remain low for
TLH5587 – 18
FIGURE 1
TLH5587 – 19
FIGURE 2
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com