Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAMSS0042 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAAMSS0042
Description  Broadband CATV Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAMSS0042 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAAMSS0042_16 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAMSS0042_16 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAMSS0042_16 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAMSS0042_16 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAMSS0042_16 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Broadband CATV Amplifier
50 - 1000 MHz
Rev. V4
MAAMSS0042
2
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Gain
dB
13.8
15
16.0
Gain Flatness
dB
—
0.8
1.2
Noise Figure
dB
—
3.0
4.0
Input Return Loss
dB
—
20
—
Output Return Loss
dB
—
18
—
Output IP3
6 MHz Spacing, -10 dBm output per tone
dBm
—
38
—
Composite Triple Beat, CTB
132 channels, +30 dBmV / channel at the output.
dBc
—
-70
—
Composite Second Order, CSO
132 channels, +30 dBmV / channel at the output.
dBc
—
-70
—
P1dB
dBm
—
21
—
IDD
5 Volts
mA
—
110
130
Electrical Specifications: TA = 25°C, Freq: 50 - 1000 MHz, VDD = 5 Volts, Z0 = 75 Ω
Off-Chip Component Values
Schematic Including Off-Chip
Components
Recommended Board Layout
L1
C3
C2
L2
R1
C4
C5
L3 C1
RFOUT
C1
L1
C3
C2
VDD
Pin 1
L2
C4
R1
L3
RFIN
C5
Component
Value
Package
C1,C2,C3,C4
0.01 µF
0402
C5
0.8 pF
0402
L17
1 µH
1210
L2
4.7 nH
0402
L3
6.8 nH
0402
R1
523 Ω
0402
7. L1 supplied from EPCOS, part number B82422A1102K100



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com