Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAMSS0045SMB Datasheet(PDF) 5 Page - M/A-COM Technology Solutions, Inc.

Part # MAAMSS0045SMB
Description  High Dynamic Range Low Noise Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAMSS0045SMB Datasheet(HTML) 5 Page - M/A-COM Technology Solutions, Inc.

  MAAMSS0045SMB Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAMSS0045SMB Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAMSS0045SMB Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAMSS0045SMB Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAMSS0045SMB Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAMSS0045SMB Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAMSS0045SMB Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
High Dynamic Range Low Noise Amplifier
1400 - 2000 MHz
Rev. V1
MAAMSS0045
5
5
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
5
Typical Performance Curves
TA = +25°C, Z0 = 50 Ω, VDD = 5 V, IDD = 45 mA unless otherwise specified.
VSWR vs. Frequency
Gain vs. Frequency
Noise Figure vs. Frequency
Noise Figure vs. Current, F = 1785 MHz
Output P1 dB vs. Frequency
Output P1 dB vs. Current, F = 1785 MHz
10
12
14
16
18
1.2
1.4
1.6
1.8
2.0
2.2
3 VOLTS
5 VOLTS
8 VOLTS
Frequency (GHz)
1
2
3
4
5
1.2
1.4
1.6
1.8
2.0
2.2
INPUT
OUTPUT
Frequency (GHz)
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
Frequency (GHz)
1.2
1.3
1.4
1.5
1.6
20
30
40
50
60
Current (mA)
8
12
16
20
24
1.7
1.8
1.9
2.0
3 VOLTS
5 VOLTS
6 VOLTS
8 VOLTS
Frequency (GHz)
8
12
16
20
24
20
30
40
50
60
3 VOLTS
5 VOLTS
6 VOLTS
8 VOLTS
Current (mA)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com