Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TBAV99 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TBAV99
Description  Switching Diodes Silicon Epitaxial Planar
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TBAV99 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TBAV99 Datasheet HTML 1Page - Toshiba Semiconductor TBAV99 Datasheet HTML 2Page - Toshiba Semiconductor TBAV99 Datasheet HTML 3Page - Toshiba Semiconductor TBAV99 Datasheet HTML 4Page - Toshiba Semiconductor TBAV99 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TBAV99
1
Switching Diodes Silicon Epitaxial Planar
TBAV99
TBAV99
TBAV99
TBAV99
Start of commercial production
2014-12
1.
1.
1.
1. Applications
Applications
Applications
Applications
•
Ultra-High-Speed Switching
2.
2.
2.
2. Packaging and Internal Circuit
Packaging and Internal Circuit
Packaging and Internal Circuit
Packaging and Internal Circuit
SOT23
1: Anode 1
2: Cathode 2
3: Cathode1 / Anode 2
3.
3.
3.
3. Absolute Maximum Ratings (Note) (Unless otherwise specified, T
Absolute Maximum Ratings (Note) (Unless otherwise specified, T
Absolute Maximum Ratings (Note) (Unless otherwise specified, T
Absolute Maximum Ratings (Note) (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25 
))))
Characteristics
Peak reverse voltage
Reverse voltage
Peak forward current
Average rectified current
Power dissipation
Power dissipation
Non-repetitive peak forward surge current
Junction temperature
Storage temperature
Symbol
VRM
VR
IFM
IO
PD
PD
IFSM
Tj
Tstg
Note
(Note 1)
(Note 1)
(Note 2)
(Note 1), (Note 3)
Rating
85
80
300
100
150
320
2
125
-55 to 125
Unit
V
mA
mW
mW
A
Note:
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
("Handling Precautions"/"Derating Concept and Methods") and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 1: Unit rating. Total rating = Unit rating × 70 %
Note 2: Device mounted on a 25.4 mm × 25.4 mm × 1.6 mm FR-4 glass epoxy board (Cu pad: 0.42 mm2 × 3)
Note 3: Measured with a 10 ms pulse.
2015-11-26
Rev.2.0
©2015 Toshiba Corporation


Similar Part No. - TBAV99

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
TBAV99 LUGUANG-TBAV99 Datasheet
1Mb / 4P
Switching Diode
Revision:20241022-P1
TBAV99W LUGUANG-TBAV99W Datasheet
901Kb / 3P
Switching Diode
Revision:20241022-P1
More results

Similar Description - TBAV99

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
1ST112WS SEMTECH_ELEC-1ST112WS Datasheet
305Kb / 3P
SILICON EPITAXIAL PLANAR SWITCHING DIODES
logo
Toshiba Semiconductor
1SS427 TOSHIBA-1SS427_14 Datasheet
196Kb / 7P
Switching Diodes Silicon Epitaxial Planar
1SS302A TOSHIBA-1SS302A Datasheet
170Kb / 6P
Switching Diodes Silicon Epitaxial Planar
logo
SHIKUES Electronics
BAS29 SKTECHNOLGY-BAS29 Datasheet
412Kb / 3P
Silicon Epitaxial Planar Switching Diodes
logo
Toshiba Semiconductor
BAS516 TOSHIBA-BAS516 Datasheet
212Kb / 5P
Switching Diodes Silicon Epitaxial Planar
BAV70 TOSHIBA-BAV70 Datasheet
223Kb / 5P
Switching Diodes Silicon Epitaxial Planar
BAV99 TOSHIBA-BAV99 Datasheet
223Kb / 5P
Switching Diodes Silicon Epitaxial Planar
BAV99W TOSHIBA-BAV99W Datasheet
249Kb / 6P
Switching Diodes Silicon Epitaxial Planar
TBAV70 TOSHIBA-TBAV70 Datasheet
201Kb / 5P
Switching Diodes Silicon Epitaxial Planar
TBAW56 TOSHIBA-TBAW56 Datasheet
201Kb / 5P
Switching Diodes Silicon Epitaxial Planar
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com