Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3402HV Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM3402HV
Description  0.5A Constant Current Buck Regulator
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3402HV Datasheet(HTML) 5 Page - Texas Instruments

  LM3402HV Datasheet HTML 1Page - Texas Instruments LM3402HV Datasheet HTML 2Page - Texas Instruments LM3402HV Datasheet HTML 3Page - Texas Instruments LM3402HV Datasheet HTML 4Page - Texas Instruments LM3402HV Datasheet HTML 5Page - Texas Instruments LM3402HV Datasheet HTML 6Page - Texas Instruments LM3402HV Datasheet HTML 7Page - Texas Instruments LM3402HV Datasheet HTML 8Page - Texas Instruments LM3402HV Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
LM3402, LM3402HV
www.ti.com
SNVS450F – SEPTEMBER 2006 – REVISED OCTOBER 2015
6.4 Thermal Information
LM3402, LM3402HV
THERMAL METRIC(1)
DDA (HSOP)
DGK (VSSOP)
UNIT
8 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance
45.6
154.4
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
53.1
48.2
°C/W
RθJB
Junction-to-board thermal resistance
25.8
74.2
°C/W
ψJT
Junction-to-top characterization parameter
7.6
4.3
°C/W
ψJB
Junction-to-board characterization parameter
25.7
72.9
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
3.2
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.5 Electrical Characteristics
VIN = 24 V unless otherwise indicated. Typical values apply over –40°C ≤ TJ ≤ 125°C; minimum and maximum values apply
over the full operating temperature range
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
REGULATION AND OVERVOLTAGE COMPARATORS
VREF-REG
CS Regulation Threshold
CS Decreasing, SW turns on
194
200
206
mV
VREF-0V
CS Overvoltage Threshold
CS Increasing, SW turns off
300
mV
ICS
CS Bias Current
CS = 0 V
0.1
µA
SHUTDOWN
VSD-TH
Shutdown Threshold
RON / SD Increasing
0.3
0.7
1.05
V
VSD-HYS
Shutdown Hysteresis
RON / SD Decreasing
40
mV
OFF TIMER
tOFF-MIN
Minimum OFF-time
CS = 0 V
300
ns
INTERNAL REGULATOR
VCC-REG
VCC Regulated Output
6.6
7
7.4
V
VIN-DO
VIN - VCC Dropout
ICC = 5 mA, 6 V < VIN < 8 V
300
mV
VCC-BP-TH
VCC Bypass Threshold
VIN Increasing
8.8
V
VCC-BP-HYS
VCC Bypass Hysteresis
VIN Decreasing
225
mV
VCC-Z-6
VIN = 6 V
55
Ω
VCC Output Impedance
VCC-Z-8
VIN = 8 V
50
(0 mA < ICC < 5 mA)
VCC-Z-24
VIN = 24 V
0.4
VCC-LIM
VCC Current Limit
(2)
VIN = 24 V, VCC = 0 V
16
mA
VCC Undervoltage Lock-out
VCC-UV-TH
VCC Increasing
5.25
V
Threshold
VCC Undervoltage Lock-out
VCC-UV-HYS
VCC Decreasing
150
mV
Hysteresis
VCC Undervoltage Lock-out Filter
VCC-UV-DLY
100-mV Overdrive
3
µs
Delay
IIN-OP
IIN Operating Current
Non-switching, CS = 0 V
600
900
µA
IIN-SD
IIN Shutdown Current
RON / SD = 0 V
90
180
µA
CURRENT LIMIT
ILIM
Current Limit Threshold
530
735
940
mA
DIM COMPARATOR
VIH
Logic High
DIM Increasing
2.2
V
VIL
Logic Low
DIM Decreasing
0.8
V
IDIM-PU
DIM Pullup Current
DIM = 1.5 V
75
µA
(1)
Typical specifications represent the most likely parametric norm at 25°C operation.
(2)
VCC provides self bias for the internal gate drive and control circuits. Device thermal limitations limit external loading.
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM3402 LM3402HV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com