Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DB3 Datasheet(PDF) 1 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

Part # DB3
Description  BIDIRECTIONAL TRIGGER DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Semiconductor (Shenzhen) Co., Ltd]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Semiconductor (Shenzhen) Co., Ltd

DB3 Datasheet(HTML) 1 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

  DB3 Datasheet HTML 1Page - Microdiode Semiconductor (Shenzhen) Co., Ltd DB3 Datasheet HTML 2Page - Microdiode Semiconductor (Shenzhen) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DB3
BIDIRECTIONAL TRIGGER DIODE
Reverse Voltage - 32 Volts
Power: 150mW
Case: JEDEC DO-41/A-405 plastic body
Terminals: Plated axial leads, solderable per MIL-STD-750,
Method 2026
Mounting Position: Any
Weight:DO-41 0.012 ounce, 0.33gram
A-405 0.008 ounce, 0.23gram
The plastic package
VBO:28-36V version
Low breakover current
High temperature soldering guaranteed
250 C/10 seconds,0.375”(9.5mm) lead length,
5 lbs. (2.3kg) tension
FEATURES
MECHANICAL DATA
MAXIMUM RATINGS AND CHARACTERISTICS
Dimensions in inches and (millimeters)
VOLTS
VOLTS
VOLTS
VOLTS
µA
µS
µA
mW
SYMBOLS
UNITS
Breakover voltage *
Breakover voltage symmetry
Dynamic breakover voltage *
Output voltage *
Breakover current *
Rise time *
Leakage current *
Power dissipation on printed circuit
Thermal Resistances from Junction to ambient
Thermal Resistances from Junction to lead
Operating junction and storage temperature range
*
:Electrical characteristic appoicaboe in forward and reverse directions.
**
:Connected in parallel with the devices.
Note 1:IBO from IBO to 10mA
C
C/W
Ratings at 25 C ambient temperature unless otherwise specified.
C=22nF **
C=22nF **
(NOTE 1)
DIAGRAM2
C=22nF **
DIAGRAM3
VR=0.5VBO
TA=65 C
tp=20
µs
f=100Hz
Repetitive peak on-state current
TEST
CONDITION
VBO
I+VBOI-I-VBO I
I
∆ V + I
VO
IBO
tr
IB
Pd
RΘJA
RΘJL
TJ,TSTG
ITRM
VALUE
Min.
Typ.
Max.
36
3
100
10
150
400
150
125
32
1.5
28
-3
5
5
-40
A
2
DO-41
0.107 (2.7)
0.080 (2.0)
DIA.
0.034 (0.86)
0.028 (0.70)
DIA.
1.0 (25.4)
MIN.
0.205 (5.2)
0.160(4.1)
1.0 (25.4)
MIN.
A-405
0.107 (2.7)
0.080 (2.0)
DIA.
0.025 (0.65)
0.021 (0.55)
DIA.
1.0 (25.4)
MIN.
0.205 (5.2)
0.160(4.1)
1.0 (25.4)
MIN.
MDD Catalog Number


Similar Part No. - DB3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
DB3 STMICROELECTRONICS-DB3 Datasheet
43Kb / 4P
TRIGGER DIODES
Apr-1995
logo
Shanghai Sunrise Electr...
DB3 SSE-DB3 Datasheet
15Kb / 1P
BIDIRECTIONAL TRIGGER DIODE
logo
Shanghai Lunsure Electr...
DB3 CHENYI-DB3 Datasheet
108Kb / 2P
SILICON BIDIRECTIONAL DIAC
logo
Dc Components
DB3 DCCOM-DB3 Datasheet
167Kb / 2P
TECHNICAL SPECIFICATIONS OF BIDIRECTIONAL DIODE THYRISTORS (DIACS)
logo
Hi-Sincerity Mocroelect...
DB3 HSMC-DB3 Datasheet
18Kb / 2P
TRIGGER DIODES
More results

Similar Description - DB3

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
DB3 SSE-DB3 Datasheet
15Kb / 1P
BIDIRECTIONAL TRIGGER DIODE
logo
Diotech Company.
DB3 DIOTECH-DB3 Datasheet
1Mb / 3P
BIDIRECTIONAL TRIGGER DIODE
DB4 DIOTECH-DB4 Datasheet
1Mb / 3P
BIDIRECTIONAL TRIGGER DIODE
LLDB3 DIOTECH-LLDB3 Datasheet
1Mb / 3P
BIDIRECTIONAL TRIGGER DIODE
logo
Microdiode Semiconducto...
SMADB3 CHENDA-SMADB3 Datasheet
550Kb / 2P
BIDIRECTIONAL TRIGGER DIODE
SODDB3 CHENDA-SODDB3 Datasheet
557Kb / 2P
BIDIRECTIONAL TRIGGER DIODE
DB3 CHENDA-DB3_17 Datasheet
646Kb / 2P
BIDIRECTIONAL TRIGGER DIODE
SODDB3 CHENDA-SODDB3_17 Datasheet
597Kb / 2P
BIDIRECTIONAL TRIGGER DIODE
SMADB3 CHENDA-SMADB3_17 Datasheet
601Kb / 2P
BIDIRECTIONAL TRIGGER DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com