Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC415LP3 Datasheet(PDF) 8 Page - Hittite Microwave Corporation

Part # HMC415LP3
Description  GaAs InGaP HBT MMIC POWER AMPLIFIER, 4.9 - 5.9 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC415LP3 Datasheet(HTML) 8 Page - Hittite Microwave Corporation

  HMC415LP3 Datasheet HTML 1Page - Hittite Microwave Corporation HMC415LP3 Datasheet HTML 2Page - Hittite Microwave Corporation HMC415LP3 Datasheet HTML 3Page - Hittite Microwave Corporation HMC415LP3 Datasheet HTML 4Page - Hittite Microwave Corporation HMC415LP3 Datasheet HTML 5Page - Hittite Microwave Corporation HMC415LP3 Datasheet HTML 6Page - Hittite Microwave Corporation HMC415LP3 Datasheet HTML 7Page - Hittite Microwave Corporation HMC415LP3 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
MICROWAVE CORPORATION
8 - 195
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
8
HMC415LP3
GaAs InGaP HBT MMIC
POWER AMPLIFIER, 4.9 - 5.9 GHz
v02.0604
Application Circuit
Note 1: C1 should be located < 0.1” (2.54mm) from Pin 1 (Vcc)
Note 2: C3 should be located < 0.1” (2.54mm) from L1.
Recommended Component Values
L1
3.0 nH
C1, C2, C3
330 pF
C4
2.2 µF
C5
0.5 pF
C6
7.0 pF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com