Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC08161 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC08161
Description  500 ns A/D Converter with S/H Function and 2.5V Bandgap Reference
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC08161 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  ADC08161 Datasheet HTML 1Page - National Semiconductor (TI) ADC08161 Datasheet HTML 2Page - National Semiconductor (TI) ADC08161 Datasheet HTML 3Page - National Semiconductor (TI) ADC08161 Datasheet HTML 4Page - National Semiconductor (TI) ADC08161 Datasheet HTML 5Page - National Semiconductor (TI) ADC08161 Datasheet HTML 6Page - National Semiconductor (TI) ADC08161 Datasheet HTML 7Page - National Semiconductor (TI) ADC08161 Datasheet HTML 8Page - National Semiconductor (TI) ADC08161 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Absolute Maximum Ratings (Notes 1, 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
+)6V
Logic Control Inputs
−0.3V to V
+ + 0.3V
Voltage at Other Inputs and Outputs
−0.3V to V
+ + 0.3V
Input Current at Any Pin (Note 3)
5 mA
Package Input Current (Note 3)
20 mA
Power Dissipation (Note 4)
875 mW
Lead Temperature (Note 5)
(Vapor Phase, 60 sec.)
+215˚C
(Infrared, 15 sec.)
+220˚C
Storage Temperature
−65˚C to +150˚C
ESD Susceptibility (Note 6)
750V
Operating Ratings(Notes 1, 2)
Temperature Range
T
MIN ≤ TA ≤ TMAX
ADC08161CIWM
−40˚C
≤ T
A ≤ 85˚C
Supply Voltage, (V
+)
4.5V to 5.5V
Converter Characteristics
The following specifications apply for RD Mode, V
+ = 5V, V
REF+ = 5V, and VREF− = GND unless otherwise specified. Bold-
face limits apply for T
A = TJ = TMIN to TMAX; all other limits TA = TJ = 25˚C.
Symbol
Parameter
Conditions
Typical
Limits
Units
(Note 7)
(Note 8)
(Limit)
INL
Integral Non Linearity
V
REF = 5V
±1
LSB (max)
TUE
Total Unadjusted Error (Note 9)
V
REF = 5V
±1
LSB (max)
INL
Integral Non Linearity
V
REF = 2.5V
±1
LSB (max)
TUE
Total Unadjusted Error
V
REF = 2.5V
±1
LSB (max)
Missing Codes
V
REF = 5V
0
Bits (max)
V
REF = 2.5V
0
Bits (max)
Reference Input Resistance
700
500
Ω (min)
700
1250
Ω (max)
V
REF+
Positive Reference Input Voltage
V
REF−
V (min)
V
+
V (max)
V
REF−
Negative Reference
GND
V (min)
Input Voltage
V
REF+
V (max)
V
IN
Analog
(Note 10)
GND − 0.1
V (min)
Input Voltage
V
+ + 0.1
V (max)
On-Channel Input Current
On Channel Input = 5V,
Off Channel Input = 0V
−0.4
−20
µA (max)
(Note 11)
On Channel Input = 0V,
Off Channel Input = 5V
−0.4
−20
µA (max)
(Note 11)
PSS
Power Supply Sensitivity
V
+ = 5V ±5%,
V
REF = 4.75V
±1/16
±1⁄2
LSB (max)
All Codes Tested
Effective Bits
V
IN = 4.85 Vp-p
7.8
Bits
f
IN = 20 Hz to 20 kHz
Full-Power Bandwidth
V
IN = 4.85 Vp-p
300
kHz
THD
Total Harmonic Distortion
V
IN = 4.85 Vp-p
0.5
%
f
IN = 20 Hz to 20 kHz
S/N
Signal-to-Noise Ratio
V
IN = 4.85 Vp-p
50
dB
f
IN = 20 Hz to 20 kHz
IMD
Intermodulation Distortion
V
IN = 4.85 Vp-p
50
dB
f
IN = 20 Hz to 20 kHz
C
VIN
Analog Input Capacitance
25
pF
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com