Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI6C5916004 Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI6C5916004
Description  6 GHz 1:4 LVPECL Fanout Buffer with Internal Termination
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C5916004 Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI6C5916004 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C5916004 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C5916004 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C5916004 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C5916004 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C5916004 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C5916004 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C5916004 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C5916004 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
PI6C5916004 Rev C
10/27/2014
PI6C5916004
6 GHz 1:4 LVPECL Fanout Buffer with Internal Termination
Pin Description(1)
Pin #
Name
Type
Description
1, 2
Q1+, Q1-
Output
Differential output pair, LVPECL interface level.
3, 4
Q2+, Q2-
Output
Differential output pair, LVPECL interface level.
5, 6
Q3+, Q3-
Output
Differential output pair, LVPECL interface level.
7
VDD
Power
Core Power Supply
8
EN
Input
Synchronous Output Enable, with internal 25k-ohm pull-up resistor. Logic high selects
enable, and logic low selects disable.
9
REF_IN-
Input
Differential IN negative input, AC and DC coupled
10
VREF-AC
Output
Reference Voltage: Biased to VDD-1.4V. Used when AC coupling inputs
11
VTH
Input
Differential pair IN center-tap node. Tie to VREF-AC for AC coupled inputs.
12
REF_IN+
Input
Differential IN positive input, AC and DC coupled
13
GND
Power
Ground
14
VDD
Power
Core Power Supply
15, 16
Q0+, Q0-
Output
Differential output pair, LVPECL interface level.
Functional Description
REF_IN+
REF_IN-
EN
Q+
Q-
0
1
1
0
1
1
0
1
1
0
X
X
0
0
1
14-0181



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com