Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI6CFGL201B Datasheet(PDF) 11 Page - Pericom Semiconductor Corporation

Part # PI6CFGL201B
Description  2-Output Low Power PCIE Gen 1-2-3 Clock Generator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6CFGL201B Datasheet(HTML) 11 Page - Pericom Semiconductor Corporation

Back Button PI6CFGL201B Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6CFGL201B Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6CFGL201B Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6CFGL201B Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6CFGL201B Datasheet HTML 10Page - Pericom Semiconductor Corporation PI6CFGL201B Datasheet HTML 11Page - Pericom Semiconductor Corporation PI6CFGL201B Datasheet HTML 12Page - Pericom Semiconductor Corporation PI6CFGL201B Datasheet HTML 13Page - Pericom Semiconductor Corporation PI6CFGL201B Datasheet HTML 14Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
www.pericom.com
PI6CFGL201B
RevB
03/16/16
All trademarks are property of their respective owners.
PI6CFGL201B
2-Output Low Power PCIE Gen 1-2-3 Clock Generator
SMBus Table: REF1.8 Control Register
BYTE 3
Bit
Name
Control Function
Type 0
1
Default
7
REF1.8
Slew Rate Control
RW
00 = 0.9V/ns
01 =1.3V/ns
0
6
RW
10 = 1.6V/ns
11 = 1.8V/ns
1
5
REF1.8 Power Down
Function
Wake-ON-LAN Enable for REF1.8 RW
REF1.8 does not
run in Power
Down
REF1.8 runs in
Power Down
0
4
REF1.8 OE
REF1.8 Output Enable
RW
Low
Enabled
1
3
Reserved
1
2
Reserved
1
1
Reserved
1
0
Reserved
1
Byte 4 is reserved and reads back 'hFF'.
SMBus Table: Revision and Vendor ID Register
BYTE 5
Bit
Name
Control Function
Type 0
1
Default
7
RID3
Revision ID
R
A rev = 0000
0
6
RID2
R
0
5
RID1
R
0
4
RID0
R
0
3
VID3
VENDOR ID
R
0
2
VID2
R
0
1
VID1
R
0
0
VID0
R
0
15-0134



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com