Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI6CFGL202B Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI6CFGL202B
Description  Low Power PCIe 3.0 Clock Generator with 2 HCSL Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6CFGL202B Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI6CFGL202B Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6CFGL202B Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6CFGL202B Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6CFGL202B Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6CFGL202B Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6CFGL202B Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6CFGL202B Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6CFGL202B Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
All trademarks are property of their respective owners.
www.pericom.com
03/03/15
PI6CFGL202B
Low Power PCIe 3.0 Clock Generator with 2 HCSL Outputs
Symbol
Parameters
Condition
Min. Typ.
Max. Units
f
MODIN
Input SS Modulation
Frequency1
Allowable Frequency
(Triangular Modulation)
30
31.500 33
kHz
TOE
Output Enable Time1
All output
10
μs
tOT
Output Disable Time1
All output
10
μs
tSTABLE
From Power-up to
VDD=3.3V1
From Power-up VDD=3.3V
3.0
ms
tSPREAD
Setting period after
spread change1
Setting period after spread change
3.0
ms
Note:
1. Guaranteed by design and characterization, not 100% tested in production.
2. Control input must be monotonic from 20% to 80% of input swing. Input Frequency Capacitance
3. Time from deassertion until outputs are >200 mV
4. DIF_IN input
Electrical Characteristics–CLK 0.7V Low Power HCSL Outputs (T
A = -40~85
o
C; VDD = 3.3V+/-
10%; VDDO = 1.8V+/-10%, See Test Loads for Loading Conditions)
Symbol
Parameters
Condition
Min.
Typ. Max.
Units
Trf
Slew rate1,2,3
1.1
2
4.5
V/ns
V
HIGH
Voltage High1
Statistical measurement on single-ended signal
using oscilloscope math function. (Scope averag-
ing on)
660
950
mV
V
LOW
Voltage Low1
-150
150
mV
Vmax
Max Voltage1
Measurement on single ended signal using
absolute value. (Scope averaging off)
1150
mV
Vmin
Min Voltage1
-300
mV
Vswing
Vswing1,2
Scope averaging off
300
mV
Vcross_abs
Crossing Voltage (abs)1,5
Scope averaging off
250
550
mV
Δ-Vcross
Crossing Voltage (var)1,6
Scope averaging off
140
mV
t
DC
Duty Cycle1
Measured differentially, PLL Mode
45
55
%
t
skew
Skew, Output to Output1 V
T = 50%
50
ps
t
jcyc-cyc
Jitter, Cycle to cycle1,2
PLL mode @100MHz output, SSC off
50
ps
Note:
1. Guaranteed by design and characterization, not 100% tested in production.
2. Measured from differential waveform
3. Slew rate is measured through the Vswing voltage range centered around differential 0V. This results in a +/-150mV window around differential 0V.
4. Matching applies to rising edge rate for Clock and falling edge rate for Clock#. It is measured using a +/-75mV window centered on the average cross point
where Clock rising meets Clock# falling. The median cross point is used to calculate the voltage thresholds the oscilloscope is to use for the edge rate calcula-
tions.
5. Vcross is defined as voltage where Clock = Clock# measured on a component test board and only applies to the differential rising edge (i.e. Clock rising and
Clock# falling).
6. The total variation of all Vcross measurements in any particular system. Note that this is a subset of Vcross_min/max (Vcross absolute) allowed. The intent is
to limit Vcross induced modulation by setting Δ-Vcross to be smaller than Vcross absolute.
15-0025



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com