Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI6CFGL202BLIE Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI6CFGL202BLIE
Description  Low Power PCIe 3.0 Clock Generator with 2 HCSL Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6CFGL202BLIE Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI6CFGL202BLIE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6CFGL202BLIE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6CFGL202BLIE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6CFGL202BLIE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6CFGL202BLIE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6CFGL202BLIE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6CFGL202BLIE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6CFGL202BLIE Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
All trademarks are property of their respective owners.
www.pericom.com
03/03/15
PI6CFGL202B
Low Power PCIe 3.0 Clock Generator with 2 HCSL Outputs
Electrical Characteristics–Current Consumption
(T
A = -40~85
o
C; VDD = 3.3V+/-10%; VDDO = 1.8V+/-10%, See Test Loads for Loading Conditions)
Symbol
Parameters
Condition
Min. Typ. Max. Units
I
DDOP
Operating supply current1
Total power consumption, All outputs active
@100MHz
52
mA
Notes:
1. Guaranteed by design and characterization, not 100% tested in production.
Supply Voltage to Ground Potential......................................................4.6V
All Inputs and Output.....................................................-0.5V toVDD+0.5V
Ambient Operating Temperature........................................... -40 to +85°C
Storage Temperature.......................................................... –65°C to +150°C
Junction Temperature .......................................................................... 125°C
Soldering Temperature.........................................................................260°C
ESD Protection (Input) ...........................................................2000V(HBM)
Note: Stresses greater than those listed under MAXIMUM RAT-
INGS may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or any
other conditions above those indicated in the operational sections
of this specification is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect reliability.
Maximum Ratings
(Above which useful life may be impaired. For user guidelines, not tested.)
Electrical Characteristics–Input/Supply/Common Parameters–Normal Operating
Conditions (T
A = -40~85
o
C; VDD = 3.3V+/-10%; VDDO = 1.8V+/-10%, See Test Loads for Loading Conditions)
Symbol
Parameters
Condition
Min. Typ.
Max. Units
V
DDX
Supply Voltage1
Supply voltage for core, analog
3.0
3.3
3.6
V
V
DDO
Supply Voltage1
Supply voltage outputs
1.65
1.8
2.0
V
V
IH
Input High Voltage1
OE, S0, S1, SS0, SS1
0.65
V
DD
V
DD +
0.3
V
V
IL
Input Low Voltage1
OE, S0, S1, SS0, SS1
-0.3
0.35
V
DD
V
I
IN
Input Current1
Single-ended inputs, V
IN = GND, VIN = VDD (ex-
clude XTAL pin)
-5
5
uA
I
INP
Single-ended inputs
V
IN = 0 V; Inputs with internal pull-up resistors
V
IN = VDD; Inputs with internal pull-down resistors
-200
200
uA
Fin
Input Frequency1
XTAL or X1 input
23
25
26
MHz
Lpin
Pin Inductance1
7
nH
C
IN
Capacitance1,4
Logic Inputs, except DIF_IN
1.5
5
pF
C
INDIF_IN
DIF_IN differential clock inputs
1.5
2.7
pF
C
OUT
Output pin capacitance
6
pF
T
STAB
Clk Stabilization1,2
From V
DD Power-Up and after input clock
stabilization
0.6
1
ms
15-0025



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com