Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1025832 Datasheet(PDF) 4 Page - SICK AG

Part # 1025832
Description  LONG RANGE DISTANCE SENSORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1025832 Datasheet(HTML) 4 Page - SICK AG

  1025832 Datasheet HTML 1Page - SICK AG 1025832 Datasheet HTML 2Page - SICK AG 1025832 Datasheet HTML 3Page - SICK AG 1025832 Datasheet HTML 4Page - SICK AG 1025832 Datasheet HTML 5Page - SICK AG 1025832 Datasheet HTML 6Page - SICK AG 1025832 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
DME5000-114 | DME5000
LONG RANGE DISTANCE SENSORS
4
DISTANCE SENSORS | SICK
Online data sheet | 2016-03-17 13:18:11
Subject to change without notice
Connection type
DME4/5xxx-xx4 DeviceNet Connector 1 x M12, 5-pin, A-coded 1 x M16, 8-pin
2
1
①  Connector M16, 8-pin
②  Connector M12, 5-pin, A-coded
Connection diagram
DME5000-xx4 DeviceNet
1
2
Shield
V+
V–
CANL
CANH
1
2
4
red
wht
3
blk
5
blu
MF1
L+ (18 V ... 30 V)
MF2
1
2
4
pnk
wht
gra
3
brn
5
blk
6
vio
M (0 V)
7
blu
8
red
*) For connection of interface adapter.
Data+ (TX+)*)
Data– (TX–)*)
CLK+ (RX+)*)
CLK– (RX–)*)
①  Connector M16, 8-pin
②  Connector M12, 5-pin, A-coded
Adjustment possible
2
3
Esc
Set
D M E
MF1
MF2
TMP
ATT
LSR
PLB
RDY
BUS
Ver. 1.0
②  LC display
③  Keypad



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com