Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MASW2040 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MASW2040
Description  GaAs DPDT Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASW2040 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MASW2040_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASW2040_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASW2040_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASW2040_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASW2040_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
GaAs DPDT Switch
DC - 2.0 GHz
Rev. V3
MASW2040
3
3
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
3
Typical Performance @ 25°C
0
10
20
30
40
0.0
0.5
1.0
1.5
2.0
Frequency (GHz)
Isolation vs. Frequency
Insertion Loss vs. Frequency
0.0
0.25
0.50
0.75
1.0
0.0
0.5
1.0
1.5
2.0
Frequency (GHz)
1.0
1.1
1.2
1.3
1.4
1.5
0.0
0.5
1.0
1.5
2.0
Frequency (GHz)
VSWR vs. Frequency



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com