Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES1CL Datasheet(PDF) 1 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

Part # ES1CL
Description  SURFACE MOUNT SUPER FAST RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Semiconductor (Shenzhen) Co., Ltd]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Semiconductor (Shenzhen) Co., Ltd

ES1CL Datasheet(HTML) 1 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

  ES1CL Datasheet HTML 1Page - Microdiode Semiconductor (Shenzhen) Co., Ltd ES1CL Datasheet HTML 2Page - Microdiode Semiconductor (Shenzhen) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SURFACE MOUNT SUPER FAST RECTIFIER
Reverse Voltage - 50 to 600 Volts
Forward Current - 1.0 Ampere
Case: JEDEC SOD-123FL molded plastic body over passivated chip
Terminals: Plated axial leads, solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight:0.0007 ounce, 0.02 grams
Glass passivated device
Ideal for surface mouted applications
FEATURES
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
ES1BL
SYMBOLS
UNITS
Metallurgically bonded construction
High temperature soldering guaranteed:
250 C/10 seconds,0.375”(9.5mm) lead length,
5 lbs. (2.3kg) tension
Low reverse leakage
100
70
100
400
280
400
150
105
150
600
420
600
VOLTS
VOLTS
VOLTS
Amp
Amps
Volts
VRRM
VRMS
VDC
I(AV)
IFSM
VF
1.0
25.0
1.25
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
Peak forward surge current
8.3ms single half sine-wave superimposed on
rated load (JEDEC Method)
Maximum instantaneous forward voltage at1.0A
Maximum DC reverse current
TA=25 C
at rated DC blocking voltage
TA=100 C
IR
5.0
100.0
A
µ
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%.
ES1AL THRU ES1JL
ES1CL
ES1DL
ES1EL
ES1JL
E1B
E1C
E1D
E1E
E1J
E1G
ES1GL
Maximum reverse recovery time (NOTE 1)
Typical junction capacitance (NOTE 2)
CJ
pF
Operating junction and storage temperature range
Note:
R
θJA
TJ,TSTG
85
10
-55 to +150
C
Typical thermal resistance (NOTE 3)
°C/W
2.Measured at 1MHz and applied reverse voltage of 4.0V D.C.
1.Measured with IF=0.5A, IR=1A, Irr=0.25A.
3.PCB mounted on 0.2*0.2" (5.0*5.0mm) coppeer pad area.
35
ns
50
35
50
E1A
ES1AL
trr
200
140
200
300
210
300
0.95
1.7
SOD-123FL
2.8±0.1
Cathode Band
Top View
3.7±0.2
0.6±0.25
Dimensions in millimeters
MDD Catalog Number
at Ta=65°C


Similar Part No. - ES1CL

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
ES1CL TSC-ES1CL Datasheet
307Kb / 2P
1.0 AMP. Surface Mount Super Fast Rectifiers
ES1CL TSC-ES1CL Datasheet
461Kb / 2P
1.0 AMP. Surface Mount Super Fast Rectifiers
ES1CL TSC-ES1CL Datasheet
198Kb / 2P
1.0AMP. Surface Mount Super Fast Rectifiers
logo
Rugao Dachang Electroni...
ES1CL DACHANG-ES1CL Datasheet
131Kb / 2P
Surface Mount Super Fast Recover Rectifiers Reverse Voltage 50 to 600 V Forward Current 1.0 A
logo
Taiwan Semiconductor Co...
ES1CL TSC-ES1CL Datasheet
380Kb / 4P
Surface Mount Super Fast Rectifiers
More results

Similar Description - ES1CL

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
ES2A DIOTECH-ES2A Datasheet
855Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER
ES3A DIOTECH-ES3A Datasheet
882Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER
logo
Formosa MS
ES3A FORMOSA-ES3A Datasheet
118Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER
logo
Sangdest Microelectroni...
ER2A SMC-ER2A Datasheet
157Kb / 4P
SURFACE MOUNT SUPER FAST RECTIFIER
ER5A SMC-ER5A Datasheet
160Kb / 4P
SURFACE MOUNT SUPER FAST RECTIFIER
logo
Unisonic Technologies
ES1D UTC-ES1D Datasheet
117Kb / 3P
SURFACE MOUNT SUPER FAST RECTIFIER
ES2D UTC-ES2D Datasheet
117Kb / 3P
SURFACE MOUNT SUPER FAST RECTIFIER
logo
Microdiode Semiconducto...
ER07A CHENDA-ER07A Datasheet
588Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com