Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS516 Datasheet(PDF) 1 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

Part # BAS516
Description  High Spee d Switching Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Semiconductor (Shenzhen) Co., Ltd]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Semiconductor (Shenzhen) Co., Ltd

BAS516 Datasheet(HTML) 1 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

  BAS516 Datasheet HTML 1Page - Microdiode Semiconductor (Shenzhen) Co., Ltd BAS516 Datasheet HTML 2Page - Microdiode Semiconductor (Shenzhen) Co., Ltd BAS516 Datasheet HTML 3Page - Microdiode Semiconductor (Shenzhen) Co., Ltd BAS516 Datasheet HTML 4Page - Microdiode Semiconductor (Shenzhen) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
High Speed Switching Diode
BAS516
FEATURES
Ultra small plastic SMD package.
High switching speed: max.4ns.
Continuous reverse voltage: max.75V.
Repetitive peak reverse voltage: max.85V
Repetitive peak forward current: max.500mA
SOD-523
APPLICATIONS
High-speed switching in surface mounted circuits.
ORDERING INFORMATION
Type No.
Marking
Package Code
BAS516
61
SOD-523
MAXIMUM RATING @ Ta=25℃ unless otherwise specified
Parameter
Symbol
Limits
Unit
Repetitive peak reverse voltage
VRRM
85
V
Continuous reverse voltage
VR
75
V
Continuous forward current
IF
250
mA
Repetitive forward current
IFRM
500
mA
Non-repetitive peak forward surge current
t=1μs
t=1ms
t=1s
IFSM
4
1
0.5
A
Total power dissipation
Ptot
500
mW
Junction temperature
Tj
150
℃
Storage temperature
Tstg
-65 to +150
℃
Pb
Lead-free
2014-03 01版
http://www.microdiode.com


Similar Part No. - BAS516

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS516 PHILIPS-BAS516 Datasheet
59Kb / 12P
High-speed diode
1998 Aug 31
logo
Leshan Radio Company
BAS516 LRC-BAS516 Datasheet
162Kb / 3P
High-speed diode
logo
Jiangsu Changjiang Elec...
BAS516 JIANGSU-BAS516 Datasheet
109Kb / 3P
Switching Diodes
logo
TRANSYS Electronics Lim...
BAS516 TEL-BAS516 Datasheet
105Kb / 1P
Plastic-Encapsulated Diodes
logo
Galaxy Semi-Conductor H...
BAS516 BILIN-BAS516 Datasheet
188Kb / 4P
High Speed Switching Diode
More results

Similar Description - BAS516

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CPD41 CENTRAL-CPD41 Datasheet
132Kb / 2P
Switching Diode High Current Switching Diode Chip
CPD63 CENTRAL-CPD63 Datasheet
207Kb / 2P
Switching Diode High Speed Switching Diode Chip
CPD80V CENTRAL-CPD80V Datasheet
231Kb / 2P
Switching Diode High Voltage Switching Diode Chip
CPD83V CENTRAL-CPD83V Datasheet
128Kb / 2P
Switching Diode High Speed Switching Diode Chip
CPD41 CENTRAL-CPD41_10 Datasheet
470Kb / 2P
Switching Diode High Current Switching Diode Chip
CPD83V CENTRAL-CPD83V_10 Datasheet
427Kb / 2P
Switching Diode High Speed Switching Diode Chip
logo
Microdiode Semiconducto...
NSD914X CHENDA-NSD914X Datasheet
324Kb / 3P
High Spee d Switching Diode
logo
AiT Semiconductor Inc.
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
MBD914 AITSEMI-MBD914 Datasheet
505Kb / 5P
SWITCHING DIODE HIGH?뭆PEED SWITCHING DIODE
REV1.0
MDL914 AITSEMI-MDL914 Datasheet
483Kb / 5P
SWITCHING DIODE HIGH ?밪PEED SWITCHING DIODE
REV1.1
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com