Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DFR0.3B Datasheet(PDF) 1 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

Part # DFR0.3B
Description  SUFACE MOUNT FAST RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Semiconductor (Shenzhen) Co., Ltd]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Semiconductor (Shenzhen) Co., Ltd

DFR0.3B Datasheet(HTML) 1 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

  DFR0.3B Datasheet HTML 1Page - Microdiode Semiconductor (Shenzhen) Co., Ltd DFR0.3B Datasheet HTML 2Page - Microdiode Semiconductor (Shenzhen) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SUFACE MOUNT FAST RECOVERY RECTIFIER
Reverse Voltage - 50 to 1000 Volts
Forward Current -0.3Ampere
Case : JEDEC SOD-123FL molded plastic body over passivated chip
Terminals : Plated axial leads, solderable per MIL-STD-750,
Method 2026
Polarity : Color band denotes cathode end
Mounting Position
: Any
Weight :0.0007 ounce, 0.02 grams
Glass passivated device
Ideal for surface mouted applications
FEATURES
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Metallurgically bonded construction
High temperature soldering guaranteed:
250 C/10 seconds,0.375”(9.5mm) lead length,
5 lbs. (2.3kg) tension
Low reverse leakage
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%.
DFR0.3A THRU DFR0.3M
Note:
3.Measured at 1MHz and applied reverse voltage of 4.0V D.C.
1.Averaged over any 20ms period.
2.Measured with IF=0.3A, IR=1A, Irr=0.25A.
UNITS
VOLTS
VOLTS
VOLTS
Amp
Amps
Volts
A
µ
pF
C
ns
SYMBOLS
1000
700
1000
VRRM
VRMS
VDC
I(AV)
IFSM
VF
0.3
10.0
1.3
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
at TA=65 C (NOTE 1)
Peak forward surge current
8.3ms single half sine-wave superimposed on
rated load (JEDEC Method)
Maximum instantaneous forward voltage at 0.3A
Maximum DC reverse current
TA=25 C
at rated DC blocking voltage
TA=125 C
IR
5.0
50.0
F03M
TL=25 C
Maximum reverse recovery time (NOTE 2)
Typical junction capacitance (NOTE 3)
CJ
Operating junction and storage temperature range TJ,TSTG
15
-50 to +150
500
trr
DFR0.3M
100
70
100
400
280
400
200
140
200
600
420
600
F03B
F03D
F03G
F03J
800
560
800
F03K
50
35
50
F03A
DFR0.3A
DFR0.3B
DFR0.3D
DFR0.3G
DFR0.3J
DFR0.3K
150
250
SOD-123FL
2.8±0.1
Cathode Band
Top View
3.7±0.2
0.6±0.25
Dimensions in millimeters
MDD Catalog Number


Similar Part No. - DFR0.3B

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
DFR0.3B LUGUANG-DFR0.3B Datasheet
83Kb / 2P
Surface Mount Fast Recovery Rectifiers
logo
Guangdong Juxing Electr...
DFR0.3B JUXING-DFR0.3B Datasheet
539Kb / 2P
Surface Mount Fast Recovery Rectifiers
More results

Similar Description - DFR0.3B

ManufacturerPart #DatasheetDescription
logo
Formosa MS
DFR1A FORMOSA-DFR1A Datasheet
134Kb / 2P
SUFACE MOUNT FAST RECOVERY RECTIFIER
logo
Microdiode Semiconducto...
DFR03A CHENDA-DFR03A Datasheet
148Kb / 2P
SUFACE MOUNT FAST RECOVERY RECTIFIER
DFR05A CHENDA-DFR05A Datasheet
161Kb / 2P
SUFACE MOUNT FAST RECOVERY RECTIFIER
FFM101 CHENDA-FFM101 Datasheet
553Kb / 2P
SUFACE MOUNT FAST RECOVERY RECTIFIER
DFR0.5A CHENDA-DFR0.5A Datasheet
621Kb / 2P
SUFACE MOUNT FAST RECOVERY RECTIFIER
DFR1A CHENDA-DFR1A Datasheet
568Kb / 2P
SUFACE MOUNT FAST RECOVERY RECTIFIER
logo
Sangdest Microelectroni...
FF107M SMC-FF107M Datasheet
173Kb / 5P
SUFACE MOUNT FAST RECOVERY RECTIFIER
logo
SUNMATE electronic Co.,...
SM101 SUNMATE-SM101 Datasheet
325Kb / 2P
SUFACE MOUNT FAST RECOVERY RECTIFIER DIODES
logo
Shenzhen Yixinwei Techn...
DFR1A YIXIN-DFR1A Datasheet
139Kb / 2P
SUFACE MOUNT FAST RECOVERY RECTIFIER
logo
Shenzhen Foster Semicon...
FFM101MG FOSTER-FFM101MG Datasheet
1Mb / 3P
Suface Mount Fast Recovery Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com