Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC0833 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC0833
Description  8-Bit Serial I/O A/D Converter with 4-Channel Multiplexer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC0833 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  ADC0833 Datasheet HTML 1Page - National Semiconductor (TI) ADC0833 Datasheet HTML 2Page - National Semiconductor (TI) ADC0833 Datasheet HTML 3Page - National Semiconductor (TI) ADC0833 Datasheet HTML 4Page - National Semiconductor (TI) ADC0833 Datasheet HTML 5Page - National Semiconductor (TI) ADC0833 Datasheet HTML 6Page - National Semiconductor (TI) ADC0833 Datasheet HTML 7Page - National Semiconductor (TI) ADC0833 Datasheet HTML 8Page - National Semiconductor (TI) ADC0833 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
TLH5607
December 1994
ADC0833 8-Bit Serial IO AD Converter
with 4-Channel Multiplexer
General Description
The ADC0833 series is an 8-bit successive approximation
AD converter with a serial IO and configurable input multi-
plexer with 4 channels The serial IO is configured to com-
ply with the NSC MICROWIRETM serial data exchange stan-
dard for easy interface to the COPSTM family of processors
as well as with standard shift registers or mPs
The 4-channel multiplexer is software configured for single-
ended or differential inputs when channel assigned by a 4-
bit serial word
The differential analog voltage input allows increasing the
common-mode rejection and offsetting the analog zero in-
put voltage value In addition the voltage reference input
can be adjusted to allow encoding any smaller analog volt-
age span to the full 8 bits of resolution
Key Specifications
Y
Resolution
8 Bits
Y
Total Unadjusted Error
g
LSB and g 1 LSB
Y
Single Supply
5 VDC
Y
Low Power
23 mW
Y
Conversion Time
32 ms
Features
Y
NSC MICROWIRE compatible – direct interface to COPS
family processors
Y
Easy interface to all microprocessors
or operates
‘‘stand alone’’
Y
Works with 25V (LM336) voltage reference
Y
No full-scale or zero adjust required
Y
Differential analog voltage inputs
Y
4-channel analog multiplexer
Y
Shunt regulator allows operation with high voltage
supplies
Y
0V to 5V input range with single 5V power supply
Y
Remote operation with serial digital data link
Y
TTLMOS inputoutput compatible
Y
03
standard width 14-pin DIP package
Connection and Functional Diagrams
Dual-In-Line Package (J and N)
TLH5607 – 14
Top View
Order Number ADC0833CCJ
ADC0833BCN or ADC0833CCN
See NS Package Number
J14A or N14A
TLH5607 – 1
COPSTM and MICROWIRETM are trademarks of National Semiconductor Corporation
TRI-STATE
is a registered trademark of National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A


Similar Part No. - ADC0833

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC083000 NSC-ADC083000 Datasheet
856Kb / 33P
High Performance, Low Power, 8-Bit, 3 GSPS A/D Converter
ADC083000 NSC-ADC083000 Datasheet
1Mb / 40P
8-Bit, 3 GSPS, High Performance, Low Power A/D Converter
ADC083000 NSC-ADC083000 Datasheet
1Mb / 40P
8-Bit, 3 GSPS, High Performance, Low Power A/D Converter
logo
Texas Instruments
ADC083000 TI1-ADC083000 Datasheet
551Kb / 14P
selecting amplifiers, adcs, and clocks for high-performance signal paths
ADC083000 TI-ADC083000 Datasheet
885Kb / 48P
ADC083000 8-Bit, 3 GSPS, High Performance, Low Power A/D Converter
More results

Similar Description - ADC0833

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC0811 NSC-ADC0811 Datasheet
323Kb / 14P
8-Bit Serial I/O A/D Converter With 11-Channel Multiplexer
ADC0819 NSC-ADC0819 Datasheet
279Kb / 12P
8-Bit Serial I/O A/D Converter with 19-Channel Multiplexer
ADC1038 NSC-ADC1038 Datasheet
551Kb / 13P
10-Bit Serial I/O A/D Converter with Analog Multiplexer
logo
Micro Linear Corporatio...
ML2281 MICRO-LINEAR-ML2281 Datasheet
410Kb / 26P
Serial I/O 8-Bit A/D Converters with Multiplexer Options
logo
Linear Technology
LTC1598 LINER-LTC1598 Datasheet
134Kb / 12P
8-Channel, Micropower Sampling 12-Bit Serial I/O A/D Converter
logo
Toshiba Semiconductor
TC35080P TOSHIBA-TC35080P Datasheet
730Kb / 11P
10-BIT SERIAL I/O A/D CONVERTER
logo
National Semiconductor ...
ADC0831 NSC-ADC0831 Datasheet
755Kb / 33P
8-Bit Serial I/O A/D Converters with Multiplexer Options
ADC0819 NSC-ADC0819_09 Datasheet
694Kb / 16P
8-Bit Serial I/O A/D Converter with 19-Channel Multiplexer
logo
Texas Instruments
ADC0831-N TI-ADC0831-N Datasheet
2Mb / 40P
8-Bit Serial I/O A/D Converters with Multiplexer Options
ADCV08832 TI1-ADCV08832 Datasheet
304Kb / 16P
8-Bit Serial I/O CMOS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com