Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DL4933 Datasheet(PDF) 1 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

Part # DL4933
Description  SURFACE MOUNT RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Semiconductor (Shenzhen) Co., Ltd]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Semiconductor (Shenzhen) Co., Ltd

DL4933 Datasheet(HTML) 1 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

  DL4933 Datasheet HTML 1Page - Microdiode Semiconductor (Shenzhen) Co., Ltd DL4933 Datasheet HTML 2Page - Microdiode Semiconductor (Shenzhen) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
◇ Glass passivated device
◇ Ideal for surface mounted applications
◇ Low leakage
◇ Low forward voltage drop
◇ High current capability
◇ Easily cleaned with Alcohol,Isopropnol
and similar solvents
◇ The plastic material carries U/L
recognition 94V-0
MECHANICAL DATA
◇ Case: JEDEC DO-213AB,molded plastic
◇ Terminals: Solderable per MIL- STD-202,
Method 208
◇ Polarity: Color band denotes cathode
◇ Weight: 0.0046 ounces, 0.116 grams
◇ Mounting position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ℃ ambient temperature unless otherwise specified.
Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate current by 20%.
DL4933
DL4934
DL4935
DL4936 DL4937
Maximum recurrent peak reverse voltage
VRRM
100
200
400
600
V
Maximum RMS voltage
VRMS
70
140
280
420
V
Maximum DC blocking voltage
VDC
100
200
400
600
V
Maximum average forward rectified current
@TA=55℃
Peak forward surge current
8.3ms single half-sine-wave
superimposed on rated load
Maximum instantaneous forward voltage
@1.0A
VF
V
Maximum reverse current
@TA=25℃
at rated DC blocking voltage @TA=125℃
Maximum reverse recovery time (Note1)
trr
ns
Typical junction capacitance (Note2)
Cj
pF
Maximum thermal resistance (Note3)
R θJL
℃/W
Maximum thermal resistance (Note4)
R θJA
℃/W
Operating junction temperature range
Tj
℃
Storage temperature range
TSTG
℃
NOTE: 1. Test conditions:IF=1.0A,VR=30V.
2. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
3. Thermal resistance junction to terminal 6.0mm
2 copper pads to each terminal.
4. Thermal resistance junction to ambient 6.0mm
2 copper pads to each terminal.
UNITS
30
75
35
A
-55 --- + 150
-55 --- + 150
200
15
IR
5.0
IFSM
A
µA
100
I(AV)
1.0
1.2
SURFACE MOUNT RECTIFIERS
30
50
50
VOLTAGE RANGE: 50 --- 600 V CURRENT: 1.0 A
SOLDERABLE ENDS
D2
D2=D1
+0
-0.20
0.5± 0.1
0.5± 0.1
4.9± 0.2
DO-213AB
Dimensions in millimeters
DL4933 THRU DL4937
MDD Catalog Number


Similar Part No. - DL4933

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DL4933 DIODES-DL4933 Datasheet
57Kb / 2P
1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
DS15001 Rev. D-2
logo
Micro Commercial Compon...
DL4933 MCC-DL4933 Datasheet
90Kb / 3P
1 Amp Glass Passivated, Fast Recovery Rectifier 50 to 600 Volts
logo
SynSemi, Inc.
DL4933 SYNSEMI-DL4933 Datasheet
35Kb / 2P
Surface Mount Fast Recovery Rectifiers
logo
Diotech Company.
DL4933 DIOTECH-DL4933 Datasheet
906Kb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Micro Commercial Compon...
DL4933 MCC-DL4933 Datasheet
300Kb / 4P
1 Amp Glass Passivated, Fast Recovery Rectifier 50 to 600 Volts
More results

Similar Description - DL4933

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SN2A EIC-SN2A Datasheet
38Kb / 2P
SURFACE MOUNT RECTIFIERS
logo
SynSemi, Inc.
S3A SYNSEMI-S3A Datasheet
31Kb / 2P
SURFACE MOUNT RECTIFIERS
SN2A SYNSEMI-SN2A Datasheet
38Kb / 2P
SURFACE MOUNT RECTIFIERS
logo
MAKO SEMICONDUCTOR CO.,...
1N4007-M7 MAKOSEMI-1N4007-M7 Datasheet
266Kb / 2P
SURFACE MOUNT RECTIFIERS
logo
SAMYANG ELECTRONICS CO....
ES1A SAMYANG-ES1A_V01 Datasheet
517Kb / 2P
SURFACE MOUNT RECTIFIERS
ES2A SAMYANG-ES2A_V02 Datasheet
522Kb / 2P
SURFACE MOUNT RECTIFIERS
ES3HB SAMYANG-ES3HB Datasheet
512Kb / 2P
SURFACE MOUNT RECTIFIERS
UF2AA SAMYANG-UF2AA Datasheet
456Kb / 2P
SURFACE MOUNT RECTIFIERS
UF3A SAMYANG-UF3A Datasheet
462Kb / 2P
SURFACE MOUNT RECTIFIERS
RS2AA SAMYANG-RS2AA_V01 Datasheet
412Kb / 2P
SURFACE MOUNT RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com