Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC491LP3 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC491LP3
Description  GaAs MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 3.4 - 3.8 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC491LP3 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC491LP3 Datasheet HTML 1Page - Hittite Microwave Corporation HMC491LP3 Datasheet HTML 2Page - Hittite Microwave Corporation HMC491LP3 Datasheet HTML 3Page - Hittite Microwave Corporation HMC491LP3 Datasheet HTML 4Page - Hittite Microwave Corporation HMC491LP3 Datasheet HTML 5Page - Hittite Microwave Corporation HMC491LP3 Datasheet HTML 6Page - Hittite Microwave Corporation HMC491LP3 Datasheet HTML 7Page - Hittite Microwave Corporation HMC491LP3 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MICROWAVE CORPORATION
8 - 260
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
8
HMC491LP3
GaAs MMIC LOW NOISE AMPLIFIER
w/ BYPASS MODE, 3.4 - 3.8 GHz
v00.0503
General Description
Features
Functional Diagram
The HMC491LP3 is a versatile, integrated, Low
Noise Amplifier (LNA) featuring a bypass mode
intended for 3.4 to 3.8 GHz Fixed Wireless &
WLL applications. The amplifier provides 16 dB
of gain, 2 dB noise figure and +3 dBm input IP3
while requiring only 9 mA from a +3V supply.
Using a single control line, the LNA can be
switched into a low loss 2.2 dB bypass mode
reducing the current consumption to 20 µA. A
low cost, leadless 3x3 mm QFN surface mount
package (LP3) houses the amplifier. No external
RF matching components are required.
Gain: 16 dB
Noise Figure: 2.0 dB
Single Supply: +3.0 V @ 9 mA
Integrated Bypass Mode
50 Ohm Matched Input/Output
3 x 3 x 1 mm QFN SMT Package
Electrical Specifications, T
A = +25° C, Vdd = +3V
Typical Applications
The HMC491LP3 is ideal for:
• Wireless Local Loop (WLL)
• Fixed Wireless Access
• Microwave & VSAT Radios
Parameter
LNA Mode
LNA Mode
Bypass Mode
Units
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Frequency Range
3.4 - 3.6
3.6 - 3.8
3.4 - 3.8
MHz
Gain
14.5
17
13
15.5
-2.8
-2.3
dB
Gain Variation Over Temperature
0.012
0.02
0.012
0.02
0.004
0.008
dB / °C
Noise Figure
2.2
2.7
2.0
2.5
--
--
dB
Input Return Loss
12
17
18
dB
Output Return Loss
9
7
11
dB
Reverse Isolation
34
33
--
dB
Input or Output Power for 1dB Compression (P1dB)*
3
6
4
7
25
28
dBm
Input Third Order Intercept (IP3)
(-20 dBm Input Power per tone, 1 MHz tone spacing)
1
3
11
dBm
Supply Current (Idd)
9
9
0.03
mA
* P1dB for LNA Mode is referenced to RFOUT while P1dB for Bypass Mode is referenced to RFIN.


Similar Part No. - HMC491LP3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC491LP3 HITTITE-HMC491LP3 Datasheet
231Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 3.4 - 3.8 GHz
HMC491LP3E HITTITE-HMC491LP3E Datasheet
231Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 3.4 - 3.8 GHz
HMC491LP3 HITTITE-HMC491LP3_09 Datasheet
231Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 3.4 - 3.8 GHz
More results

Similar Description - HMC491LP3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC373LP3 HITTITE-HMC373LP3 Datasheet
317Kb / 10P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 700 - 1000 MHz
HMC593LP3 HITTITE-HMC593LP3 Datasheet
335Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 3.3 - 3.8 GHz
HMC605LP3 HITTITE-HMC605LP3 Datasheet
207Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 2.3 - 2.7 GHz
HMC373LP3 HITTITE-HMC373LP3_06 Datasheet
414Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 700 - 1000 MHz
HMC604LP3 HITTITE-HMC604LP3 Datasheet
354Kb / 10P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 4.8 - 6.0 GHz
HMC491LP3 HITTITE-HMC491LP3_09 Datasheet
231Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 3.4 - 3.8 GHz
HMC593LP3 HITTITE-HMC593LP3_09 Datasheet
295Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 3.3 - 3.8 GHz
HMC604LP3 HITTITE-HMC604LP3_10 Datasheet
1Mb / 10P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 4.8 - 6.0 GHz
HMC605LP3 HITTITE-HMC605LP3_09 Datasheet
253Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 2.3 - 2.7 GHz
logo
Analog Devices
HMC373LP3 AD-HMC373LP3 Datasheet
426Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com