Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC494LP3 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC494LP3
Description  SMT GaAs HBT MMIC DIVIDE-BY-8, DC - 18 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC494LP3 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC494LP3 Datasheet HTML 1Page - Hittite Microwave Corporation HMC494LP3 Datasheet HTML 2Page - Hittite Microwave Corporation HMC494LP3 Datasheet HTML 3Page - Hittite Microwave Corporation HMC494LP3 Datasheet HTML 4Page - Hittite Microwave Corporation HMC494LP3 Datasheet HTML 5Page - Hittite Microwave Corporation HMC494LP3 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MICROWAVE CORPORATION
10 - 130
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
10
HMC494LP3
SMT GaAs HBT MMIC
DIVIDE-BY-8, DC - 18 GHz
General Description
Features
Functional Diagram
The HMC494LP3 is a low noise Divide-by-8
Static Divider utilizing InGaP GaAs HBT technol-
ogy packaged in a leadless 3x3 mm QFN surface
mount plastic package. This device operates from
DC (with a square wave input) to 18 GHz input
frequency from a single +5.0V DC supply. The
low additive SSB phase noise of -150 dBc/Hz at
100 kHz offset helps the user maintain excellent
system noise performance.
Ultra Low SSB Phase Noise: -150 dBc/Hz
Very Wide Bandwidth
Output Power: -4 dBm
Single DC Supply: +5V
3 x 3 x 1 mm QFN Package
Typical Applications
Prescaler for DC to 18 GHz PLL Applications:
• Point-to-Point / Multi-Point Radios
• VSAT Radios
• Fiber Optic
• Test Equipment
• Military
Electrical Specifications, T
A = +25° C, 50 Ohm System, Vcc= +5V
1. Divider will operate down to DC for square-wave input signal.
v01.0604
Parameter
Conditions
Min.
Typ.
Max.
Units
Maximum Input Frequency
18
19
GHz
Minimum Input Frequency
Sine Wave Input. [1]
0.2
0.5
GHz
Input Power Range
Fin = 2 to 12 GHz
-15
-20
+10
dBm
Fin = 12 to 16 GHz
-15
-20
+3
dBm
Fin = 16 to 18 GHz
-10
-15
0
dBm
Output Power
Fin = 0.5 to 18 GHz
-7
-4
dBm
Reverse Leakage
Both RF Outputs Terminated
55
dB
SSB Phase Noise (100 kHz offset)
Pin = 0 dBm, Fin = 6 GHz
-150
dBc/Hz
Output Transition Time
Pin = 0 dBm, Fout = 882 MHz
100
ps
Supply Current (Icc1 + Icc2)
103
mA


Similar Part No. - HMC494LP3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC494LP3 HITTITE-HMC494LP3 Datasheet
233Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-8, DC - 18 GHz
logo
Analog Devices
HMC494LP3 AD-HMC494LP3 Datasheet
370Kb / 6P
Point-to-Point
logo
Hittite Microwave Corpo...
HMC494LP3E HITTITE-HMC494LP3E Datasheet
233Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-8, DC - 18 GHz
logo
Analog Devices
HMC494LP3E AD-HMC494LP3E Datasheet
370Kb / 6P
Point-to-Point
logo
Hittite Microwave Corpo...
HMC494LP3 HITTITE-HMC494LP3_08 Datasheet
233Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-8, DC - 18 GHz
More results

Similar Description - HMC494LP3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC492LP3 HITTITE-HMC492LP3 Datasheet
256Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-2, DC - 18 GHz
HMC493LP3 HITTITE-HMC493LP3 Datasheet
253Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-4, DC - 18 GHz
HMC363G8 HITTITE-HMC363G8_07 Datasheet
278Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-8, DC - 12 GHz
HMC363S8G HITTITE-HMC363S8G_06 Datasheet
358Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-8, DC - 12.0 GHz
HMC434 HITTITE-HMC434_10 Datasheet
231Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-8, DC - 8 GHz
HMC492LP3 HITTITE-HMC492LP3_08 Datasheet
235Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-2, DC - 18 GHz
HMC493LP3 HITTITE-HMC493LP3_08 Datasheet
236Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-4, DC - 18 GHz
HMC494LP3 HITTITE-HMC494LP3_08 Datasheet
233Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-8, DC - 18 GHz
logo
Analog Devices
HMC363G8 AD-HMC363G8 Datasheet
324Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-8, DC - 12 GHz
HMC492LP3 AD-HMC492LP3 Datasheet
344Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-2, DC - 18 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com