Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMSD103 Datasheet(PDF) 1 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

Part # MMSD103
Description  High Voltage switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Semiconductor (Shenzhen) Co., Ltd]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Semiconductor (Shenzhen) Co., Ltd

MMSD103 Datasheet(HTML) 1 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

  MMSD103 Datasheet HTML 1Page - Microdiode Semiconductor (Shenzhen) Co., Ltd MMSD103 Datasheet HTML 2Page - Microdiode Semiconductor (Shenzhen) Co., Ltd MMSD103 Datasheet HTML 3Page - Microdiode Semiconductor (Shenzhen) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
High Voltage switching Diode
MMSD103
FEATURES
Surface Mount Package Ideally Suited For
Automatic Insertion
For General Purpose Switching Applications
APPLICATIONS
Surface mount fast switching diode
SOD-123
ORDERING INFORMATION
Type No.
Marking
Package Code
MMSD103
JS
SOD-123
MAXIMUM RATING @ Ta=25℃ unless otherwise specified
Characteristic
Symbol
Value
Unit
Continuous reverse Voltage
VR
250
V
Forward Continuous Current
IF
200
mA
Peak Forward Surge Current
IFSM
625
mA
Power Dissipation
Pd
400
mW
Thermal Resistance, Junction to case
Thermal Resistance, Junction to Ambient
RθJL
RθJA
174
492
℃
/W
Operating and Storage Temperature Rage
Tj,TSTG
-55 to +150
℃
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
Characteristic
Symbol
Min
Max
Unit
Test Condition
Reverse Breakdown Voltage
V(BR)R
250
-
V
IR=100μA
Forward Voltage
VF
-
1.0
1.25
V
IF=100mA
IF=200mA
Reverse Current
IR
-
1
100
μA
μA
VR=200V
VR=200V,TJ=150℃
Diode Capacitance
CD
-
5.0
pF
VR=0,f=1.0MHz
Reverse Recovery Time
trr
-
50
ns
IF=IR=30mA,RL=100Ω
Pb
Lead-free
2014-03 01版
http://www.microdiode.com


Similar Part No. - MMSD103

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
MMSD103 BILIN-MMSD103 Datasheet
170Kb / 3P
High Voltage switching Diode
Rev.A
logo
Shenzhen Luguang Electr...
MMSD103 LUGUANG-MMSD103 Datasheet
229Kb / 2P
High Voltage Switching Diodes
logo
Diode Semiconductor Kor...
MMSD103 DSK-MMSD103 Datasheet
245Kb / 3P
High Voltage switching Diode
logo
Galaxy Semi-Conductor H...
MMSD103 BILIN-MMSD103 Datasheet
173Kb / 3P
High Voltage switching Diode
Rev.A
MMSD103 BILIN-MMSD103 Datasheet
117Kb / 3P
High Voltage switching Diode
More results

Similar Description - MMSD103

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
BAS21SG CYSTEKEC-BAS21SG Datasheet
150Kb / 4P
High voltage switching diode
logo
Central Semiconductor C...
CPD80V CENTRAL-CPD80V Datasheet
231Kb / 2P
Switching Diode High Voltage Switching Diode Chip
logo
ON Semiconductor
BAS19LT1 ONSEMI-BAS19LT1_07 Datasheet
128Kb / 6P
High Voltage Switching Diode
January, 2007 ??Rev. 9
logo
Central Semiconductor C...
CPD80V CENTRAL-CPD80V_10 Datasheet
400Kb / 2P
Switching Diode High Voltage Switching Diode Chip
logo
KODENSHI_AUK CORP.
SDS19F KODENSHI-SDS19F Datasheet
268Kb / 5P
High Voltage Switching Diode
SDS19WK KODENSHI-SDS19WK Datasheet
253Kb / 5P
High Voltage Switching Diode
SDS20 KODENSHI-SDS20 Datasheet
254Kb / 5P
High Voltage Switching Diode
SDS20D KODENSHI-SDS20D Datasheet
225Kb / 5P
High Voltage Switching Diode
SDS21F KODENSHI-SDS21F Datasheet
268Kb / 5P
High Voltage Switching Diode
logo
Taiwan Semiconductor Co...
BAV19 TSC-BAV19_11 Datasheet
208Kb / 3P
High Voltage Switching Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com