Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC08351 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC08351
Description  8-Bit, 42 MSPS, 40 mW A/D Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC08351 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button ADC08351 Datasheet HTML 7Page - National Semiconductor (TI) ADC08351 Datasheet HTML 8Page - National Semiconductor (TI) ADC08351 Datasheet HTML 9Page - National Semiconductor (TI) ADC08351 Datasheet HTML 10Page - National Semiconductor (TI) ADC08351 Datasheet HTML 11Page - National Semiconductor (TI) ADC08351 Datasheet HTML 12Page - National Semiconductor (TI) ADC08351 Datasheet HTML 13Page - National Semiconductor (TI) ADC08351 Datasheet HTML 14Page - National Semiconductor (TI) ADC08351 Datasheet HTML 15Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Applications Information (Continued)
ACCURATELY EVALUATING THE ADC
If a signal that is spectrally impure is presented to the ADC,
the output from the ADC cannot be pure. Nearly all signal
generators in use today produce signals that are not spec-
trally pure enough to adequately evaluate present-day
ADCs. This is especially true at higher frequencies and at
high resolutions.
To ensure that the signal you are presenting to the ADC be-
ing evaluated is spectrally pure, use a bandpass filter be-
tween the signal generator and the ADC input. One such
possible filter is the elliptic filter shown in Figure 8.
In addition to being used to eliminate undesired frequencies
from a desired signal, this filter can be used to filter a square
wave, reducing 3rd and higher harmonics to negligible lev-
els.
When evaluating dynamic performance of an ADC, repeat-
ability of measurements could be a problem unless coherent
sampling is used.
and ADC08351 evaluation system is available that can sim-
plify evaluation of thsi product.
7.0 COMMON APPLICATION PITFALLS
Driving the inputs (analog or digital) beyond the power
supply rails. For proper operation, all inputs should not go
more than 300 mV beyond the supply rails. That is, more
than 300 mV below the ground pins or 300 mV above the
supply pins. Exceeding these limits on even a transient basis
may cause faulty or erratic operation. It is not uncommon for
high speed digital circuits (e.g., 74F and 74AC devices) to
exhibit undershoot that goes more than a volt below ground
or above the power supply. Since these conditions are of
very short duration with very fast rise and fall times, they can
DS100895-29
FIGURE 7. Inverting Circuit with Bias Adjust
DS100895-31
FIGURE 8. This elliptic filter has a cutoff frequency of about 11MHz and is suitable for input frequencies of 5MHz to
10MHz. It should be driven by a generator of 75
Ω source impedance and teminated with 75Ω. This termination may
be provided by the ADC evaluation circuit.
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com