Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI6LC48P0101 Datasheet(PDF) 9 Page - Pericom Semiconductor Corporation

Part # PI6LC48P0101
Description  HiFlex 10GbE Clock Generator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6LC48P0101 Datasheet(HTML) 9 Page - Pericom Semiconductor Corporation

  PI6LC48P0101 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6LC48P0101 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6LC48P0101 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6LC48P0101 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6LC48P0101 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6LC48P0101 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6LC48P0101 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6LC48P0101 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6LC48P0101 Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9
PI6LC48P0101
HiFlex 10GbE Clock Generator
www.pericom.com
PI6LC48P0101 Rev A
09/01/15
DATE: 05/03/12
DESCRIPTION: 8 pin, 173mil wide TSSOP
PACKAGE CODE: L
DOCUMENT CONTROL #: PD-1308
REVISION: F
Notes:
1. Refer JEDEC MO-153F/AA
2. Controlling dimensions in millimeters
3. Package outline exclusive of mold flash and metal burr
12-0370
Packaging Mechanical:
Ordering Code
Package Code
Package Type
PI6LC48P0101LIE
L
Pb-free & Green, 8-pin TSSOP
PI6LC48P0101LIEX
L
Pb-free & Green, 8-pin TSSOP, Tape & Reel
Notes:
1. Thermal characteristics can be found on the company web site at www.pericom.com/packaging/
2. “E” denotes Pb-free and Green
3. Adding an “X” at the end of the ordering code denotes tape and Reel packaging
Ordering Information
15-0117



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com