Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI6LC48P0201 Datasheet(PDF) 8 Page - Pericom Semiconductor Corporation

Part # PI6LC48P0201
Description  2-Output LVPECL Networking Clock Generator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6LC48P0201 Datasheet(HTML) 8 Page - Pericom Semiconductor Corporation

Back Button PI6LC48P0201 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6LC48P0201 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6LC48P0201 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6LC48P0201 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6LC48P0201 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6LC48P0201 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6LC48P0201 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6LC48P0201 Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6LC48P0201 Datasheet HTML 10Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
www.pericom.com
PI6LC48P0201
Rev. D
08/05/15
PI6LC48P0201
2-Output LVPECL Networking Clock Generator
Recommendations for Unused Input and Output Pins
Inputs:
Crystal Inputs:
For applications not requiring the use of the crystal oscillator input, both XTAL_IN and XTAL_OUT can be left floating. A 1kΩ
resistor can be tied from XTAL_IN to ground for additional protection.
Ref_IN Input:
For applications not requiring the use of the clock, it can be left floating. A 1kΩ resistor tied from the Ref_IN to ground can provide
additional protection.
LVCMOS Control Pins:
All control pins have internal pulldowns; A 1kΩ resistor tied from each control pin to ground can provide additional protection.
Outputs:
LVPECL Outputs:
All unused LVPECL outputs can be left floating.
Crystal Input Interface
The clock generator has been characterized with 18pF parallel resonant crystals. The capacitor values shown in the figure below
were determined using a 25MHz, 18pF parallel resonant crystal and were chosen to minimize the ppm error.
C1
33pF
C2
27pF
XTAL_IN
XTAL_OUT
X1
18pF Parallel Crystal
15-0107



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com