Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC0841 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC0841
Description  8-Bit P Compatible A/D Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC0841 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button ADC0841 Datasheet HTML 7Page - National Semiconductor (TI) ADC0841 Datasheet HTML 8Page - National Semiconductor (TI) ADC0841 Datasheet HTML 9Page - National Semiconductor (TI) ADC0841 Datasheet HTML 10Page - National Semiconductor (TI) ADC0841 Datasheet HTML 11Page - National Semiconductor (TI) ADC0841 Datasheet HTML 12Page - National Semiconductor (TI) ADC0841 Datasheet HTML 13Page - National Semiconductor (TI) ADC0841 Datasheet HTML 14Page - National Semiconductor (TI) ADC0841 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Applications Information (Continued)
;CONVERSION SUBROUTINE
;ENTRY: ACC — A/D MUX DATA
;EXIT: ACC — CONVERTED DATA
ORG
50H
0050
99 FE
CONV:
ANL
P1,#0FEH
;CHIP SELECT THE A/D
0052
91
MOVX
@R1,A
;START CONVERSION
0053
09
LOOP:
IN
A,P1
;INPUT INTR STATE
0054
32 53
JB1
LOOP
;IF INTR = 1 GOTO LOOP
0056
81
MOVX
A,@R1
;IF INTR = 0 INPUT A/D DATA
0057
89 01
ORL
P1,&01H
;CLEAR THE A/D CHIP SELECT
0059
A0
MOV
@R0,A
;STORE THE A/D DATA
005A
83
RET
;RETURN TO MAIN PROGRAM
ADC0841_INS8039 Interface
DS008557-20
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com