Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI6LC4830 Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI6LC4830
Description  HiFlex Network Clock Generator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6LC4830 Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI6LC4830 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6LC4830 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6LC4830 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6LC4830 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6LC4830 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6LC4830 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6LC4830 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6LC4830 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6LC4830 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
PI6LC4830 Rev B
08/17/12
PI6LC4830
HiFlexTM Network Clock Generator
Pin Description
Pin Number Pin Name
Type
Description
20, 21, 23, 24,
26, 27
QA0+, QA0-, QA1+,
QA1-, QA2+, QA2-
Output (HCSL)
100MHz HCSL Outputs
9, 10
REF_Out+, REF_Out- Output (LVPECL)
25MHz LVPECL output from fundamental oscillator
core
12
X1
Input
Crystal input pin
13
X2
Output
Oscillator output pin
6, 7
IN+, IN-
Input (Differential)
HCSL/LVPECL/LVDS inputs
11
IN_SEL
Input (LVCMOS)
Low selects X1 and X2, High selects In+, In-. Internal
pull up is 100k Ohms
1
PLL_Byps
Input (LVCMOS)
If Low, output buffers are switched to the PLL. If High,
output buffers are switched to the input mux. Internal
100K-Ohm pulldown.
30, 3
QA_OE, QB_OE
Input (LVCMOS)
Low enables outputs, High selects high impedance
mode. Internal 100K-Ohm pulldown
14
VDD_OSC
Power
Power for xtal Osc core
5
VDD_PLL
Power
Power for digital portion of PLL circuitry
22, 29
VDD_Out
Power
Power for output buffers
32
VDDA_PLL
Power
Power for analog core of PLL
19, 25
GND
Power
Ground
18
QA_CMOS
Output (LVCMOS)
100MHz LVCMOS Output
16
QB_CMOS
Output (LVCMOS)
100/50MHz Selectable LVCMOS Output
17
VDD_OutA_SE
Power
Bank A LVCMOS Power
15
VDD_OutB_SE
Power
Bank B LVCMOS Power
4
QB_DIV2
Input (LVCMOS)
High selects 50MHz, Low selects 100MHz. Internal
100K-Ohm pull-up
28
IREF
Output
External resistor connection for internal current refer-
ence
8
VDD_REF_OUT
Power
Power for reference output
2
REF_OUT_OE
Input (LVCMOS)
Low enables outputs, High selects high impedance
mode. Internal 100K-Ohm pull-down.
31
VDD
Power
Power for Core
12-0238



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com