Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI49FCT3807ASEX Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI49FCT3807ASEX
Description  3.3V Fast CMOS Clock Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI49FCT3807ASEX Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI49FCT3807ASEX Datasheet HTML 1Page - Pericom Semiconductor Corporation PI49FCT3807ASEX Datasheet HTML 2Page - Pericom Semiconductor Corporation PI49FCT3807ASEX Datasheet HTML 3Page - Pericom Semiconductor Corporation PI49FCT3807ASEX Datasheet HTML 4Page - Pericom Semiconductor Corporation PI49FCT3807ASEX Datasheet HTML 5Page - Pericom Semiconductor Corporation PI49FCT3807ASEX Datasheet HTML 6Page - Pericom Semiconductor Corporation PI49FCT3807ASEX Datasheet HTML 7Page - Pericom Semiconductor Corporation PI49FCT3807ASEX Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
PI49FCT3807
3.3V Fast CMOS Clock Driver
4
PS7010F
11/16/09
Phase Jitter Measurement Data
Frequency Band
Input
Output
Additive Jitter
Unit
12kHz-10MHz
342
483
341
fsRMS
12kHz-20MHz
493
642
411
fsRMS
Tests Circuits for All Outputs
Pulse
Generator
f = 125MHz
D.U.T.
50
Ω
CL
15pF
VCC
Switch Position
Test
Switch
Disable LOW
Enable LOW
6V
Disable HIGH
Enable HIGH
GND
All Other Inputs
Open
09-0005



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com