Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MASW-008853 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MASW-008853
Description  GaAs SPDT 2.7 V High Power Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASW-008853 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MASW-008853_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASW-008853_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASW-008853_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASW-008853_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
GaAs SPDT 2.7 V High Power Switch
DC - 5.0 GHz
Rev. V2
MASW-008853
3
3
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
3
Typical Performance Curves, 1000 pF
Insertion Loss
Lead-Free SC70 Plastic Package
Reference Application Note M538 for lead-free solder reflow
recommendations.
Meets JEDEC moisture sensitivity level 1 requirements.
Isolation
-50
-40
-30
-20
-10
0
0
1
2
3
4
5
+25 C
-40 C
+85 C
Frequency (GHz)
-1.50
-1.25
-1.00
-0.75
-0.50
-0.25
0.00
0
1
2
3
4
5
+25 C
-40 C
+85 C
Frequency (GHz)
RFC Return Loss
-60
-50
-40
-30
-20
-10
0
0
1
2
3
4
5
+25 C
-40 C
+85 C
Frequency (GHz)
RF1/RF2 Return Loss
-60
-50
-40
-30
-20
-10
0
0
1
2
3
4
5
+25 C
-40 C
+85 C
Frequency (GHz)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com