Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MASWSS0121 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MASWSS0121
Description  SPDT High Isolation Terminated Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASWSS0121 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MASWSS0121_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASWSS0121_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASWSS0121_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASWSS0121_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SPDT High Isolation Terminated Switch
0.5 - 3.0 GHz
Rev. V3
MASWSS0121
2
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2
Electrical Specifications: TA = 25 °C, Z0 = 50 Ohms, VC = 0, 5.0 V
3
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Insertion Loss
0.5- 1 GHz
1.0 - 2.0 GHz
2.0 - 3.0 GHz
dB
dB
dB
—
—
—
0.6
0.7
0.75
0.7
0.8
0.9
Isolation
0.5 - 1 GHz
1.0 - 2.0 GHz
2.0 - 3.0 GHz
dB
dB
dB
51
48
45
54
52
50
—
—
—
Return Loss
0.5 - 1 GHz
1.0 - 2.0 GHz
2.0 - 3.0 GHz
dB
dB
dB
—
—
—
20
20
20
—
—
—
Input IP2
2-Tone 900 MHz, 5 MHz spacing
dBm
—
83
—
Input IP3
2-Tone 900 MHz, 5 MHz spacing
dBm
—
46
—
P1dB
1 GHz, 5 V
1 GHz, 3 V
dBm
dBm
—
—
27
18
—
—
P0.1dB
1 GHz, 5 V
1 GHz, 3 V
dBm
dBm
—
—
24
11
—
—
TRISE, TFALL
10% to 90% RF & 90% to 10% RF
nS
—
24
—
TON, TOFF
50% of VC to 10 % / 90% RF
nS
—
15
—
Transients
VC = 5.0 V square wave, in-band
mV
—
12
—
Control Current
│Vc│ = 4.5 V, 0 dBm
µA
—
2
13
3. External DC blocking capacitors are required on all RF ports (47 pF capacitors are recommended).
Absolute Maximum Ratings 4,5
Parameter
Absolute Maximum
Input Power (0.5 - 3.0 GHz)
3 V Control
5 V Control
+30 dBm
+33 dBm
Operating Voltage
+8.5 volts
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
4. Exceeding any one or combination of these limits may cause
permanent damage to this device.
5. M/A-COM does not recommend sustained operation near
these survivability limits.
Logic Level
Voltage Level
0
0 V ± 0.2 V
1
3.0 V to 8.0 V
Truth Table
V1
V2
RFC - RF1
RFC - RF2
0
1
ON
OFF
1
0
OFF
ON
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com