Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MASWSS0129 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MASWSS0129
Description  GaAs Broadband DPDT Diversity Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASWSS0129 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MASWSS0129_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASWSS0129_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASWSS0129_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASWSS0129_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASWSS0129_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
GaAs Broadband DPDT Diversity Switch
DC - 6.0 GHz
Rev. V6
MASWSS0129
3
3
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
3
Control
VC1
Control
VC2
ANT 1
- Rx
ANT 1
- Tx
ANT 2
- Tx
ANT 2
- Rx
1
0
On
Off
On
Off
0
1
Off
On
Off
On
1
1
Off
Off
Off
Off
0
0
Off
Off
Off
Off
Truth Table 7,8
7. 1 = +2.9 V to +5 V, 0 = 0 V + 0.2 V.
8. Differential voltage, V(state 1) - V(state 0), must be 2.7 V
minimum and must not exceed 8.5 V.
Application Schematic
C1, C2, C3, C4 = 8 pF
GND
GND
GND
Vc2
Vc1
GND
C2
C1
C4
C3
GND
GND
GND
Vc2
Vc1
GND
GND
GND
GND
Vc2
Vc1
GND
C2
C1
C4
C3
Parameter
Absolute Maximum
Input Power @ 3 V Control
+31 dBm
Input Power @ 5 V Control
+34 dBm
Voltage
± 8.5 volts
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
Absolute Maximum Ratings 5,6
5. Exceeding any one or combination of these limits may cause
permanent damage to this device.
6. M/A-COM does not recommend sustained operation near
these survivability limits.
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be dam-
aged by static electricity. Proper ESD control tech-
niques should be used when handling these de-
vices.
Evaluation Board for Lead-Free 3 mm 12-lead PQFN Package
C4
C3
C1
C2
U1
C4
C3
C1
C2
U1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com