Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MASWSS0157 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MASWSS0157
Description  GaAs SPDT Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASWSS0157 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MASWSS0157 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASWSS0157 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASWSS0157 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASWSS0157 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASWSS0157 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
GaAs SPDT Switch
DC - 2.5 GHz
Rev. V4
MASWSS0157
2
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2
Electrical Specifications: TA = 25°C, Vc = 0 V / -5 V, Z0 = 50 Ω
2
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Insertion Loss
DC - 0.1 GHz
DC - 0.5 GHz
DC - 1.0 GHz
DC - 2.0 GHz
dB
0.4
0.4
0.5
0.6
0.8
Isolation
DC - 0.1 GHz
DC - 0.5 GHz
DC - 1.0 GHz
DC - 2.0 GHz
dB
30
56
43
33
24
VSWR
DC - 2.0 GHz
Ratio
1.4:1
Trise, Tfall
10% to 90% RF, 90% to 10% RF
ns
2
Ton, Toff
50% Control to 90% RF, 50% Control to 10% RF
ns
4
Transients
In-Band
mV
15
1 dB Compression Point
Input Power, 0.05 GHz
Input Power, 0.5 - 2.0 GHz
dBm
21
27
2nd Order Intercept
Measured Relative to Input Power
(for two-tone input power up to +6 dBm)
0.05 GHz
0.5 - 2.0 GHz
dBm
55
68
3rd Order Intercept
Measured Relative to Input Power
(for two-tone input power up to +6 dBm)
0.05 GHz
0.5 - 2.0 GHz
dBm
40
45
Control Current
½Vc½ = 5 V
µA
20
25
2. For positive voltage control, external DC blocking capacitors are required on all RF ports as well as the Ground ports which should be
pulled up to the positive voltage control level. (Refer to Application Note M521 - "Positive Voltage Control of GaAs MMIC Control Devices").
Truth Table 5
Control Inputs
Condition of Switch
RF Common to each RF Port
A
B
RF1
RF2
1
0
On
Off
0
1
Off
On
5. 0 = 0 V to -0.2 V, 1 = -5 V to -8 V
Absolute Maximum Ratings 3,4
Parameter
Absolute Maximum
Input Power
0.05 GHz
0.5 - 2.0 GHz
+27 dBm
+34 dBm
Control Voltage
-8.5 V < Vc < +5 V
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
3. Exceeding any one or combination of these limits may cause
permanent damage to this device.
4. M/A-COM does not recommend sustained operation near
these survivability limits.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com