Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MASWSS0161 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MASWSS0161
Description  High Power GaAs SPDT Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASWSS0161 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MASWSS0161 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASWSS0161 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASWSS0161 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASWSS0161 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
High Power GaAs SPDT Switch
DC - 2.0 GHz
Rev. V4
MASWSS0161
2
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macomtech.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2
Electrical Specifications4: TA = +25°C, VDD = +5 V, VC = +5 V / 0 V, PIN = +30 dBm
Parameter
Test Conditions
Units
Min.
Typ.5
Max.
Insertion Loss
DC - 0.5 GHz
0.5 - 1.0 GHz
1.0 - 2.0 GHz
dB
0.45
0.55
0.6
0.65
Isolation
DC - 0.5 GHz
0.5 - 1.0 GHz
1.0 - 2.0 GHz
dB
27
30
32
27
VSWR
DC - 2.0 GHz
Ratio
1.2:1
1 dB Compression
Input Power (5 V Supply/Control) 0.9 GHz
Input Power (8 V Supply/Control) 0.9 GHz
dBm
33
35.8
TRISE, TFALL
10% to 90% RF, 90% to 10% RF
ns
30
TON, TOFF
50% Control to 90% RF, 50% Control to 10% RF
ns
35
Transients
In-Band
mV
12
3rd Order Intercept
Measured Relative to Input Power,
2-tone up to +10 dBm
(5 V Supply/Control) 0.9 GHz
(8 V Supply/Control) 0.9 GHz
dBm
55
65
Control Current
VC = +5 V
µA
20
Supply Current
VDD = +5 V
µA
60
4. All specifications apply when operated with control voltages of 0 V for VC low and 5 to 10 V for VC high, and 50 Ω impedance at all RF
ports, unless otherwise specified. High power (greater than 1 W) handling specifications apply to cold switching only. For input powers
under 1 W, hot switching can be used. The high control voltage must be within ± 0.2 V of the supply voltage. External DC blocking
capacitors are required on all RF ports.
5. Typical values listed for middle of frequency range noted.
Absolute Maximum Ratings6,7
Parameter
Absolute Maximum
Input Power - 0.5 - 2.0 GHz
5 V Control and Supply
8 V Control and Supply
10 V Control and Supply
37 dBm
40 dBm
42 dBm
Power Dissipation
1.0 W
Supply Voltage
-1 V ≤ VDD ≤ +12 V
Control Voltage
-1 V ≤ VC ≤ VDD +0.2 V
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
Thermal Resistance8
θJC = 87°C/W
6. Exceeding any one or combination of these limits may cause
permanent damage to this device.
7. MACOM does not recommend sustained operation near these
survivability limits.
8. Thermal resistance is given for TA = +25°C. TCASE is the
temperature of leads 1 and 4.
Control Inputs
Condition of Switch
RF Common to Each RF Port
VC1
VC2
RF1
RF2
1
0
Off
On
0
1
On
Off
Truth Table9
9. “0” = 0 to +0.2 V @ 20 µA maximum.
“1” = +5 V @ 20 µA typical to 10 V @ 500 µA maximum.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com