Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MASWSS0169 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MASWSS0169
Description  GaAs High Isolation Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASWSS0169 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MASWSS0169 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASWSS0169 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASWSS0169 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASWSS0169 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GaAs High Isolation Switch
DC - 3.0 GHz
Rev. V3
MASWSS0169
2
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2
Electrical Specifications: TA = 25°C, VC = 0 / 3 V, Z0 = 50Ω
Parameter
Test Conditions
Units
Min
Typ
Max
Insertion Loss
500 MHz - 1.0 GHz
1.0 - 2.0 GHz
2.0 - 3.0 GHz
dB
dB
dB
0.55
0.65
0.80
0.65
Isolation
500 MHz - 2.0 GHz
2.0 - 3.0 GHz
dB
dB
45
47
33
VSWR
0.25 - 3.0 GHz
Ratio
1.2:1
P1dB
500 MHz - 2.0 GHz, VC = 3 V
dBm
20
P1dB
500 MHz - 2.0 GHz, VC = 5 V
dBm
28
IP2
2 Tone, 900 MHz, 5 MHz Spacing, VC = 3 V
dBm
85
IP3
2 Tone, 900 MHz, 5 MHz Spacing, VC = 3 V
dBm
50
Ton, Toff
50% Control to 90% RF, 50% Control to 10% RF
ns
20
Trise, Tfall
10% to 90% RF, 90% to 10% RF
ns
10
Transients
In-band
mV
15
Control Current
|VC| = 3.0 V
µA
5
20
Lead-Free MSOP-10
Reference Application Note M538 for lead-free solder reflow recommendations.
Meets JEDEC moisture sensitivity level 1 requirements.
Plating is 100% matte tin over copper.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com