| Electronic Components Datasheet Search |
|
ADC0851 Datasheet(PDF) 21 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
ADC0851 Datasheet(HTML) 21 Page - National Semiconductor (TI) |
|
21 / 36 page ![]() 30 Watchdog Mode This is the primary real time operating mode During watch- dog operation the upper and lower limits stored in the RAM are applied sequentially to the DAC’s digital inputs The DAC’s analog output is applied to the comparator input and compared against the voltage at the enabled analog input pin The data format for the input word is as shown below Data Input (DI) WordADC0851 or ADC0858 TLH11021 – 37 The last twelve bits of the input word assign the multiplexer channel configuration 31 SELECTING THE CHANNEL CONFIGURATION When the device is either in the watchdog or automatic AD conversion mode each pair of analog input channels must be programmed to determine which channel(s) will be ac- tive and whether they will be operating single-ended or dif- ferentially Table III(a) and (b) show the channel addresses for the ADC0851 and the ADC0858 in various channel con- figurations When the channels are configured as single- ended inputs the input voltages are measured with respect to the voltage at the COM pin Applying a DC voltage at the COM pin will cause the device to measure the difference between the input signal and the voltage at the COM pin The voltage at the COM pin has no effect on an input chan- nel that is configured as a differential pair When the chan- nel pairs are configured as differential inputs (ie CH0 – CH1 CH2 – CH3 etc) the differential voltage is compared with the limits for the lower numbered channel For exam- ple the differential voltage CH0 – CH1 will be compared with the limits for CH0 Note that the channel pairs are pro- grammed in groups of three bits The channel address is input to the AD converter with the MSB (bit C11) first The timing diagrams for ADC0851 and ADC0858 watchdog operation are shown in Figure 7 After a CS low is detected the input word (DI) is clocked in starting at the first rising edge of the serial clock (CLK) Once the least significant bit of the channel address is loaded CS should go high Taking CS high after the proper input word is loaded initiates the operation of the device in the watchdog mode To keep the device in continuous watchdog mode CS should remain high for eight or more OSC clock periods for the ADC0851 and thirty-three or more OSC clock periods for the ADC0858 If the input signals are within the boundary limits the interrupt pin (INT) remains at logic ‘‘1’’ and the Data Ouptut (DO) pin is in TRI-STATE In addition in the case of the ADC0851 the COMPL and COMPH pins remain at logic ‘‘1’’ TABLE IIIa Multiplexer Channel Configuration (ADC0851) TLH11021 – 40 TABLE IIIb Multiplexer Channel Configuration (ADC0858) TLH11021 – 41 21 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |