Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MASWSS0201 Datasheet(PDF) 6 Page - M/A-COM Technology Solutions, Inc.

Part # MASWSS0201
Description  GaAs Broadband 75 Ohm Default-On, SPDT Terminated Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASWSS0201 Datasheet(HTML) 6 Page - M/A-COM Technology Solutions, Inc.

  MASWSS0201_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASWSS0201_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASWSS0201_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASWSS0201_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASWSS0201_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MASWSS0201_15 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MASWSS0201_15 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
GaAs Broadband 75 Ohm Default-On, SPDT Terminated Switch
DC - 2.5 GHz
Rev. V1
MASWSS0201
6
6
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
6
Application Section
Application Schematic – Unterminated
Configuration
RF2
RFC
GND
GND
GND
N/C
RF1
GND
GND
GND
N/C
V
C
C1
C3
C2
C4
C1-C3 = 10000 pf
C4 = 100 pf



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com