Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP5562 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LP5562
Description  Programmable Lighting Sequences
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5562 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LP5562 Datasheet HTML 7Page - Texas Instruments LP5562 Datasheet HTML 8Page - Texas Instruments LP5562 Datasheet HTML 9Page - Texas Instruments LP5562 Datasheet HTML 10Page - Texas Instruments LP5562 Datasheet HTML 11Page - Texas Instruments LP5562 Datasheet HTML 12Page - Texas Instruments LP5562 Datasheet HTML 13Page - Texas Instruments LP5562 Datasheet HTML 14Page - Texas Instruments LP5562 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
LP5562
www.ti.com
SNVS820A – APRIL 2013 – REVISED SEPTEMBER 2015
Table 1. B_CURRENT Register (05h), G_CURRENT Register (06h), R_CURRENT
Register (07h), W CURRENT Register (0Fh)
NAME
BIT
DESCRIPTION
CURRENT SETTING
bin
hex
dec
mA
0000 0000
00
0
0.0
0000 0001
01
1
0.1
0000 0010
02
2
0.2
0000 0011
03
3
0.3
0000 0100
04
4
0.4
0000 0101
05
5
0.5
CURRENT
7:0
0000 0110
06
6
0.6
...
...
...
...
1010 1111
AF
175
17.5 (def)
...
...
...
...
1111 1011
FB
251
25.1
1111 1100
FC
252
25.2
1111 1101
FS
253
25.3
1111 1110
FE
254
25.4
1111 1111
FF
255
25.5
7.3.1.2 Controlling LED Driver Output PWM
PWM can be controlled by either with program execution engines (1, 2 and 3) or via I2C registers (02h for B, 03h
for G, 04h for R and 0Eh for W).
Control of LED driver output PWM selection is managed with 2 bits for each LED output from register 70h. The
Table 3 describes the selection options. With these bits for example all LED outputs can be controlled from one
program execution engine.
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LP5562



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com