Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCD6 Datasheet(PDF) 4 Page - DENSEI-LAMBDA

Part # PCD6
Description  Single output DC-DC converter 1.5W ~ 6W?
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAMBDA [DENSEI-LAMBDA]
Direct Link  http://www.global.tdk.com/
Logo LAMBDA - DENSEI-LAMBDA

PCD6 Datasheet(HTML) 4 Page - DENSEI-LAMBDA

  PCD6 Datasheet HTML 1Page - DENSEI-LAMBDA PCD6 Datasheet HTML 2Page - DENSEI-LAMBDA PCD6 Datasheet HTML 3Page - DENSEI-LAMBDA PCD6 Datasheet HTML 4Page - DENSEI-LAMBDA  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
118
PCD-SERIES
Terminal connection
Outline drawing
• PCD1R5 (1.5W type)
• PCD6 (6W type)
• PCD3 (3W type)
[PCD1R5 (1.5W type) / PCD3 (3W type)]
Output voltage can be adjusted by TRM terminals.
Output power must be within the rating, when increasing the output voltage.
*1 TRM terminal: Open
Output: ±12V
*2 TRM terminal & –Vout terminal: Short
Output: ±15V
CNT terminal
Output
CNT--Vin: Short or 0 ~ 0.4V
ON
CNT--Vin: Open or 2V ~ Vin
OFF
[PCD6 (6W type)]
*1 TRM terminal: Open
Output: ±12V
*2 TRM terminal & –Vout terminal: Short
Output: ±15V
CNT terminal: Remote ON/OFF control
* Output voltage: Refer to TRM terminal connection
(Unit: mm)
Dimension tolerance not designated is ±0.3.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com