Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT7C43390 Datasheet(PDF) 15 Page - Pericom Semiconductor Corporation

Part # PT7C43390
Description  Real-time Clock Module
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT7C43390 Datasheet(HTML) 15 Page - Pericom Semiconductor Corporation

Back Button PT7C43390 Datasheet HTML 11Page - Pericom Semiconductor Corporation PT7C43390 Datasheet HTML 12Page - Pericom Semiconductor Corporation PT7C43390 Datasheet HTML 13Page - Pericom Semiconductor Corporation PT7C43390 Datasheet HTML 14Page - Pericom Semiconductor Corporation PT7C43390 Datasheet HTML 15Page - Pericom Semiconductor Corporation PT7C43390 Datasheet HTML 16Page - Pericom Semiconductor Corporation PT7C43390 Datasheet HTML 17Page - Pericom Semiconductor Corporation PT7C43390 Datasheet HTML 18Page - Pericom Semiconductor Corporation PT7C43390 Datasheet HTML 19Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 38 page
background image
||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2015-12-0001
PT0280-8
12/11/15
15
PT7C43390/43390C
Real-time Clock Module
For the regular operation of power-on detection circuit, as seen in below Figure, the period to power-up the RTC is that the
voltage reaches 1.3 V within 10 ms after setting the IC’s power supply voltage at 0 V. When the power-on detection
circuit is not working normally is; the POC flag (B0 in the status register) is not in "1", or 1 Hz is not output from the INT pin.
In this case, power-on the RTC once again because the internal data may be in the indefinite status.
Moreover, regarding the processing right after power-on, refer to "Flowchart of Initialization and Example of Real-time Data
Set-up".
*1. 0 V indicates that there are no potential differences between the VDD pin and VSS pin.
How to Raise the Power Supply Voltage
5. Register Status After Initialization
The status of each register after initialization is as follows.
Real-time data register: 00 (Y), 01 (M), 01 (D), 0 (day of the week), 00 (H), 00 (M), 00 (S)
Status register 1: "0 B6 B5 B4 0 0 0 0 b"
(In B6, B5, B4, the data of B6, B5, B6 in the status register 1 at initialization is set. Refer to below Figure.)
Status register 2: "00h"
INT1 register: "00h"
INT2 register: "00h"
Clock correction register: "00h"
Free register: "00h"
 Status Register 1 Data at Initialization



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com