Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC0841CCV Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC0841CCV
Description  8-Bit P Compatible A/D Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC0841CCV Datasheet(HTML) 1 Page - National Semiconductor (TI)

  ADC0841CCV Datasheet HTML 1Page - National Semiconductor (TI) ADC0841CCV Datasheet HTML 2Page - National Semiconductor (TI) ADC0841CCV Datasheet HTML 3Page - National Semiconductor (TI) ADC0841CCV Datasheet HTML 4Page - National Semiconductor (TI) ADC0841CCV Datasheet HTML 5Page - National Semiconductor (TI) ADC0841CCV Datasheet HTML 6Page - National Semiconductor (TI) ADC0841CCV Datasheet HTML 7Page - National Semiconductor (TI) ADC0841CCV Datasheet HTML 8Page - National Semiconductor (TI) ADC0841CCV Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
ADC0841
8-Bit µP Compatible A/D Converter
General Description
The ADC0841 is a CMOS 8-bit successive approximation
A/D converter. Differential inputs provide low frequency input
common mode rejection and allow offsetting the analog
range of the converter. In addition, the reference input can
be adjusted enabling the conversion of reduced analog
ranges with 8-bit resolution.
The A/D is designed to operate with the control bus of a va-
riety of microprocessors. TRI-STATE® output latches that di-
rectly drive the data bus permit the A/D to be configured as
a memory location or I/O device to the microprocessor with
no interface logic necessary.
Features
n Easy interface to all microprocessors
n Operates ratiometrically or with 5 VDC voltage reference
n No zero or full-scale adjust required
n Internal clock
n 0V to 5V input range with single 5V power supply
n 0.3" standard width 20-pin package
n 20 Pin Molded Chip Carrier Package
Key Specifications
n Resolution:
8 Bits
n Total Unadjusted Error:
±1⁄2 LSB and ± 1 LSB
n Single Supply:
5 V
DC
n Low Power:
15 mW
n Conversion Time:
40 µs
Block and Connection Diagrams
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
NSC800™ is a trademark of National Semiconductor Corporation.
DS008557-1
Dual-In-Line Package (N)
DS008557-2
(N.C.-No Connection)
Top View
Molded Chip Carrier Package (V)
DS008557-3
Top View
May 1998
© 1999 National Semiconductor Corporation
DS008557
www.national.com


Similar Part No. - ADC0841CCV

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC0844 NSC-ADC0844 Datasheet
467Kb / 20P
8-Bit uP Compatible A/D Converters with Multiplexer Options
logo
Texas Instruments
ADC0844 TI1-ADC0844 Datasheet
2Mb / 25P
ADC0844/ADC0848 8-Bit 關P Compatible A/D Converters with Multiplexer Options
ADC0844 TI1-ADC0844 Datasheet
2Mb / 24P
8-Bit 關P Compatible A/D Converters with Multiplexer Options
logo
National Semiconductor ...
ADC0844BCJ NSC-ADC0844BCJ Datasheet
467Kb / 20P
8-Bit uP Compatible A/D Converters with Multiplexer Options
ADC0844BCN NSC-ADC0844BCN Datasheet
467Kb / 20P
8-Bit uP Compatible A/D Converters with Multiplexer Options
More results

Similar Description - ADC0841CCV

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC1001 NSC-ADC1001 Datasheet
201Kb / 9P
10-Bit P Compatible A/D Converter
ADC1005 NSC-ADC1005 Datasheet
254Kb / 12P
10-Bit P Compatible A/D Converter
logo
NXP Semiconductors
NE5018 PHILIPS-NE5018 Datasheet
69Kb / 6P
8-Bit mp-compatible D/A converter
August 31, 1994
logo
Maxim Integrated Produc...
MAX160 MAXIM-MAX160 Datasheet
462Kb / 12P
關P Compatible 8 Bit A/D Converter
MX7536 MAXIM-MX7536 Datasheet
425Kb / 12P
關P Compatible 14-Bit D/A Converter
Rev 0; 1/89
logo
Micro Linear Corporatio...
ML2258 MICRO-LINEAR-ML2258 Datasheet
169Kb / 12P
關P Compatible 8-Bit A/D Converter with 8-Channel Multiplexer
logo
List of Unclassifed Man...
ZN448 ETC-ZN448 Datasheet
289Kb / 18P
8-BIT MICROPROCESSOR COMPATIBLE A-D CONVERTER
ADC-847 ETC2-ADC-847 Datasheet
184Kb / 4P
MICROPROCESSOR-COMPATIBLE 8-BIT A/D CONVERTER
logo
National Semiconductor ...
ADC1005 NSC-ADC1005_09 Datasheet
446Kb / 16P
10-Bit 關P Compatible A/D Converter
logo
List of Unclassifed Man...
ADC-8208 ETC-ADC-8208 Datasheet
185Kb / 1P
MICROPROCESSOR-COMPATIBLE 8-BIT CMOS A/D CONVERTER
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com