Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC08231CIWM Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC08231CIWM
Description  8-Bit 2 ms Serial I/O A/D Converters with MUX, Reference, and Track/Hold
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC08231CIWM Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button ADC08231CIWM Datasheet HTML 11Page - National Semiconductor (TI) ADC08231CIWM Datasheet HTML 12Page - National Semiconductor (TI) ADC08231CIWM Datasheet HTML 13Page - National Semiconductor (TI) ADC08231CIWM Datasheet HTML 14Page - National Semiconductor (TI) ADC08231CIWM Datasheet HTML 15Page - National Semiconductor (TI) ADC08231CIWM Datasheet HTML 16Page - National Semiconductor (TI) ADC08231CIWM Datasheet HTML 17Page - National Semiconductor (TI) ADC08231CIWM Datasheet HTML 18Page - National Semiconductor (TI) ADC08231CIWM Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
Functional Description (Continued)
Since the input configuration is under software control it
can be modified as required before each conversion A
channel can be treated as a single-ended ground refer-
enced input for one conversion then it can be reconfigured
as part of a differential channel for another conversion
Fig-
ure 1 illustrates the input flexibility which can be achieved
The analog input voltages for each channel can range from
50mV below ground to 50mV above VCC (typically 5V) with-
out degrading conversion accuracy
20 THE DIGITAL INTERFACE
A most important characteristic of these converters is their
serial data link with the controlling processor Using a serial
communication format offers two very significant system im-
provements it allows many functions to be included in a
small package and it can eliminate the transmission of low
level analog signals by locating the converter right at the
analog sensor transmitting highly noise immune digital data
back to the host processor
To understand the operation of these converters it is best to
refer to the Timing Diagrams and Functional Block Diagram
and to follow a complete conversion sequence For clarity a
separate timing diagram is shown for each device
1 A conversion is initiated by pulling the CS (chip select)
line low This line must be held low for the entire conver-
sion The converter is now waiting for a start bit and its
MUX assignment word
2 On each rising edge of the clock the status of the data in
(DI) line is clocked into the MUX address shift register
The start bit is the first logic ‘‘1’’ that appears on this line
(all leading zeros are ignored) Following the start bit the
converter expects the next 2 to 4 bits to be the MUX
assignment word
8 Single-Ended
8 Pseudo-Differential
4 Differential
Mixed Mode
TLH11015 – 17
FIGURE 1 Analog Input Multiplexer Options for the ADC08238
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com