Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC08831 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC08831
Description  8-Bit Serial I/O CMOS A/D Converters with Multiplexer and Sample/Hold Function
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC08831 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  ADC08831 Datasheet HTML 1Page - National Semiconductor (TI) ADC08831 Datasheet HTML 2Page - National Semiconductor (TI) ADC08831 Datasheet HTML 3Page - National Semiconductor (TI) ADC08831 Datasheet HTML 4Page - National Semiconductor (TI) ADC08831 Datasheet HTML 5Page - National Semiconductor (TI) ADC08831 Datasheet HTML 6Page - National Semiconductor (TI) ADC08831 Datasheet HTML 7Page - National Semiconductor (TI) ADC08831 Datasheet HTML 8Page - National Semiconductor (TI) ADC08831 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
ADC08831/ADC08832
8-Bit Serial I/O CMOS A/D Converters with Multiplexer
and Sample/Hold Function
General Description
The ADC08831/ADC08832 are 8-bit successive approxima-
tion Analog to Digital converters with 3-wire serial interfaces
and a configurable input multiplexer for 2 channels. The se-
rial I/O will interface to COPS™family of micro-controllers,
PLD’s, microprocessors, DSP’s, or shift registers. The serial
I/O is configured to comply with the NSC MICROWIRE™ se-
rial data exchange standard.
To
minimize
total
power
consumption,
the
ADC08831/ADC08832 automatically go into low power
mode whenever they are not performing conversions.
A track/hold function allows the analog voltage at the positive
input to vary during the actual A/D conversion.
The analog inputs can be configured to operate in various
combinations
of
single-ended,
differential,
or
pseudo-differential modes. The voltage reference input can
be adjusted to allow encoding of small analog voltage spans
to the full 8-bits of resolution.
Applications
n Digitizing sensors and waveforms
n Process control monitoring
n Remote sensing in noisy environments
n Instrumentation
n Embedded Systems
Features
n 3-wire serial digital data link requires few I/O pins
n Analog input track/hold function
n 2-channel input multiplexer option with address logic
n Analog input voltage range from GND to VCC
n No zero or full scale adjustment required
n TTL/CMOS input/output compatible
n Superior pin compatible replacement for ADC0831/2
Key Specifications
n Resolution:
8 bits
n Conversion time (fC = 2 MHz):
4µs (max)
n Power dissipation:
8.5mW (typ)
n Low power mode: 3.0mW (typ)
n Single supply:
5V
DC
n Total unadjusted error:
±1LSB
n No missing codes over temperature
Typical Application
COPS™ is a trademark of National Semiconductor Corporation.
MICROWIRE™ is a trademark of National Semiconductor Corporation.
TRI-STATE™
DS100108-44
DS100108-43
September 1999
© 1999 National Semiconductor Corporation
DS100108
www.national.com


Similar Part No. - ADC08831

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC08831 TI1-ADC08831 Datasheet
1Mb / 32P
8-Bit Serial I/O CMOS A/D Converters with Multiplexer and Sample/Hold Function
ADC08831IM TI1-ADC08831IM Datasheet
1Mb / 32P
8-Bit Serial I/O CMOS A/D Converters with Multiplexer and Sample/Hold Function
ADC08831IM/NOPB TI1-ADC08831IM/NOPB Datasheet
1Mb / 32P
8-Bit Serial I/O CMOS A/D Converters with Multiplexer and Sample/Hold Function
ADC08831IMX/NOPB TI1-ADC08831IMX/NOPB Datasheet
1Mb / 32P
8-Bit Serial I/O CMOS A/D Converters with Multiplexer and Sample/Hold Function
More results

Similar Description - ADC08831

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC08031 NSC-ADC08031 Datasheet
509Kb / 24P
8-Bit High-Speed Serial I/O A/D Converters with Multiplexer Options,
Voltage Reference, and Track/Hold Function
ADC08131 NSC-ADC08131 Datasheet
488Kb / 21P
8-Bit High-Speed Serial I/O A/D Converters with Multiplexer Options, Voltage Reference, and Track/Hold Function
ADCV08832 NSC-ADCV08832 Datasheet
259Kb / 14P
Low Voltage, 8-Bit Serial I/O CMOS A/D Converter with Sample/Hold Function
logo
Micro Linear Corporatio...
ML2281 MICRO-LINEAR-ML2281 Datasheet
410Kb / 26P
Serial I/O 8-Bit A/D Converters with Multiplexer Options
logo
National Semiconductor ...
ADC10831 NSC-ADC10831 Datasheet
453Kb / 30P
10-Bit Plus Sign Serial I/O A/D Converters with MUX, Sample/Hold and Reference
ADC1034 NSC-ADC1034 Datasheet
349Kb / 18P
ADC1031/ADC1034/ADC1038 10-Bit Serial I/O A/D Converters with Analog Multiplexer and Track/Hold Function
ADC08032 NSC-ADC08032 Datasheet
552Kb / 24P
8-Bit High-Speed Serial I/O A/D Converters with Multiplexer Options, Voltage Reference, and Track/Hold Function
ADC0831 NSC-ADC0831 Datasheet
755Kb / 33P
8-Bit Serial I/O A/D Converters with Multiplexer Options
logo
Texas Instruments
ADC0831-N TI-ADC0831-N Datasheet
2Mb / 40P
8-Bit Serial I/O A/D Converters with Multiplexer Options
ADC08831 TI1-ADC08831 Datasheet
1Mb / 32P
8-Bit Serial I/O CMOS A/D Converters with Multiplexer and Sample/Hold Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com