Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA4SW110 Datasheet(PDF) 8 Page - M/A-COM Technology Solutions, Inc.

Part # MA4SW110
Description  HMIC Silicon PIN Diode Switches
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4SW110 Datasheet(HTML) 8 Page - M/A-COM Technology Solutions, Inc.

  MA4SW110_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4SW110_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4SW110_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4SW110_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4SW110_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA4SW110_15 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MA4SW110_15 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MA4SW110_15 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MA4SW110_15 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
HMIC™ Silicon PIN Diode Switches
Rev. V10
MA4SWx10 Series
8
8
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
8
Cleanliness
The chips should be handled in a clean environment
free of dust and organic contamination.
Wire / Ribbon Bonding
Thermo compression wedge bonding using 0.003” x
0.00025” ribbon or 0.001” diameter gold wire is
recommended. A work stage temperature of
150°C - 200°C, tool tip temperature of 120°C - 150°
and a downward force of 18 to 22 grams should be
used. If ultrasonic energy is necessary, it should be
adjusted to the minimum level required to achieve a
good bond. Excessive power or force will fracture
the silicon beneath the bond pad causing it to lift.
RF bond wires and ribbons should be kept as short
as possible for optimum RF performance.
Chip Mounting
HMIC switches have Ti-Pt-Au backside metallization
and can be mounted using a gold-tin eutectic solder
or conductive epoxy. Mounting surface must be free
of contamination and flat.
Eutectic Die Attachment
80/20, gold-tin, solder is recommended. A re-flow
oven or hot gas die bonder with a temperature
setting of 290°C is normally used to melt the solder.
The chip should not be exposed to temperatures
greater than 320°C for more than 20 seconds.
Typically no more than three seconds at peak
temperature is required for attachment. RoHS
compliant solders may also be used but solders rich
in tin should be avoided as they will scavenge the
backside gold and/or cause gold embrittlement.
Epoxy Die Attachment
A minimum amount of epoxy, 1 - 2 mils thick, should
be used to attach chip. A thin epoxy fillet should be
visible around the outer perimeter of the chip after
placement. Epoxy cure time is typically 1 hour at
150°C.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com