Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA4SW310B-1 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MA4SW310B-1
Description  HMIC Silicon PIN Diode Switches with Integrated Bias Network
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4SW310B-1 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MA4SW310B-1 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4SW310B-1 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4SW310B-1 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4SW310B-1 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4SW310B-1 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA4SW310B-1 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MA4SW310B-1 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
HMIC™ Silicon PIN Diode Switches
with Integrated Bias Network
Rev. V6
MA4SWx10B-1 Series
3
3
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
3
Absolute Maximum Ratings3,4,5
Parameter
Absolute Maximum
RF CW Incident Power
+33 dBm
Reverse Voltage
-50 V
Bias Current per Port
±50 mA @ +25°C
Operating Temperature
-65°C to +125°C
Storage Temperature
-65°C to +150°C
Junction Temperature
+175°C
3. Exceeding any one or combination of these limits may cause
permanent damage to this device.
4. MACOM does not recommend sustained operation near these
survivability limits.
5. Maximum operating conditions for a combination of RF power,
DC bias and temperature: +33 dBm CW @ 15 mA (per diode)
@ +85°C.
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
These
electronic
devices
are
sensitive
to
electrostatic discharge (ESD) and can be damaged
by static electricity. Proper ESD control techniques
should be used when handling these Class 0
(HBM) and Class C1 (CDM).devices.
Cleanliness
The chips should be handled in a clean environment
free of dust and organic contamination.
Wire / Ribbon Bonding
Thermo compression wedge bonding using 0.003” x
0.00025” ribbon or 0.001” diameter gold wire is
recommended. A work stage temperature of
150°C - 200°C, tool tip temperature of 120°C - 150°
and a downward force of 18 to 22 grams should be
used. If ultrasonic energy is necessary, it should be
adjusted to the minimum level required to achieve a
good bond. Excessive power or force will fracture
the silicon beneath the bond pad causing it to lift.
RF bond wires and ribbons should be kept as short
as possible for optimum RF performance.
Chip Mounting
HMIC switches have Ti-Pt-Au backside metallization
and can be mounted using a gold-tin eutectic solder
or conductive epoxy. Mounting surface must be free
of contamination and flat.
Eutectic Die Attachment
An 80/20, gold-tin, eutectic solder is recommended.
Adjust the work surface temperature to 255oC and
the tool tip temperature to 265oC. After placing the
chip onto the circuit board re-flow the solder by
applying hot forming gas (95/5 Ni/H) to the top
surface of the chip. Temperature should be
approximately 290oC and not exceed 320oC for
more than 20 seconds. Typically no more than three
seconds is necessary for attachment. Solders rich in
tin should be avoided
Epoxy Die Attachment
A minimum amount of epoxy, 1 - 2 mils thick, should
be used to attach chip. A thin epoxy fillet should be
visible around the outer perimeter of the chip after
placement. Epoxy cure time is typically 1 hour at
150°C.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com