Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAALSS0042 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAALSS0042
Description  Low Noise Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAALSS0042 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAALSS0042 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAALSS0042 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAALSS0042 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAALSS0042 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Low Noise Amplifier
1.575 GHz
Rev. V1
MAALSS0042
2
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2
Electrical Specifications: TA = +25°C, VDD = +5 V, Z0 = 50 Ω
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Gain
F = 1.575 GHz, PIN = -35 dBm
dB
25
27
29
Noise Figure
F = 1.575 GHz, PIN = -35 dBm
dB
-
1.15
1.4
Input VSWR
F = 1.575 GHz, PIN = -35 dBm
Ratio
-
2.0:1
-
Output VSWR
F = 1.575 GHz, PIN = -35 dBm
Ratio
-
1.5:1
-
Output P1dB
F = 1.575 GHz
dBm
-
1
-
Input IP3
F = 1.575 GHz, PIN = -35 dBm
dBm
-
-14
-
Reverse Isolation
F = 1.575 GHz, PIN = -35 dBm
dB
-
48
-
Bias Current
—
mA
15
20
25
Frequency = 1.575 GHz
Impedance
Electrical Length
T1
57.2 Ω
36.0°
T2
82.7 Ω
16.2°
Lead-Free SOIC-8†
† Reference Application Note M538 for lead-free solder reflow recommendations.
Meets JEDEC moisture sensitivity level 1 requirements.
Recommended PCB Configuration
Dimensions in inches (mm).
Application Schematic
1
2
3
4
8
7
6
5
GND
GND
GND
GND
GND
GND
T1
RF IN
T2
RF OUT, VDD



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com